Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJS2-60B Datasheet(PDF) 19 Page - ABB

Part # MJS2-60B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MJS2-60B Datasheet(HTML) 19 Page - ABB

Back Button MJS2-60B Datasheet HTML 15Page - ABB MJS2-60B Datasheet HTML 16Page - ABB MJS2-60B Datasheet HTML 17Page - ABB MJS2-60B Datasheet HTML 18Page - ABB MJS2-60B Datasheet HTML 19Page - ABB MJS2-60B Datasheet HTML 20Page - ABB MJS2-60B Datasheet HTML 21Page - ABB MJS2-60B Datasheet HTML 22Page - ABB MJS2-60B Datasheet HTML 23Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Pilot devices core offering catalog | 1SFC151006C0201 | 19
CP1-10R-10
CP1-10W-10
CP1-10Y-10
CP1-10L-10
CP1-10G-10
CP1-10B-10
Color
Contacts
Bezel
Type
Order code
Pkg
qty
Momentary flush pushbutton
l
Red
1 NO
Black plastic
CP1-10R-10
1SFA619100R1011
10
l
Red
1 NC
Black plastic
CP1-10R-01
1SFA619100R1041
10
l
Red
1 NC
Chrome metal
CP1-30R-01
1SFA619100R3041
10
l
Red
1 NO +1 NC
Black plastic
CP1-10R-11
1SFA619100R1071
10
l
Green
1 NO
Black plastic
CP1-10G-10
1SFA619100R1012
10
l
Green
1 NO
Chrome metal
CP1-30G-10
1SFA619100R3012
10
l
Green
2 NO
Black plastic
CP1-10G-20
1SFA619100R1022
10
l
Green
1 NO +1 NC
Black plastic
CP1-10G-11
1SFA619100R1072
10
l
Yellow
1 NO
Black plastic
CP1-10Y-10
1SFA619100R1013
10
l
Yellow
1 NO +1 NC
Black plastic
CP1-10Y-11
1SFA619100R1073
10
l
Blue
1 NO
Black plastic
CP1-10L-10
1SFA619100R1014
10
l
White
1 NO
Black plastic
CP1-10W-10
1SFA619100R1015
10
l
Black
1 NO
Black plastic
CP1-10B-10
1SFA619100R1016
10
l
Black
2 NO
Black plastic
CP1-10B-20
1SFA619100R1026
10
l
Black
1 NO +1 NC
Black plastic
CP1-10B-11
1SFA619100R1076
10
Color
Contacts
Bezel
Type
Order code
Pkg
qty
Flush momentary pushbutton
Rated voltage 24 V AC/DC
l
Red
1 NO
Black plastic
CP1-11R-10
1SFA619100R1111
10
l
Red
1 NC
Black plastic
CP1-11R-01
1SFA619100R1141
10
l
Green
1 NO
Black plastic
CP1-11G-10
1SFA619100R1112
10
Rated voltage 110-130 V AC/DC
l
Red
1 NO
Black plastic
CP1-12R-10
1SFA619100R1211
10
l
Red
1 NC
Black plastic
CP1-12R-01
1SFA619100R1241
10
l
Green
1 NO
Black plastic
CP1-12G-10
1SFA619100R1212
10
Rated voltage 220 V AC/DC
l
Red
1 NO
Black plastic
CP1-13R-10
1SFA619100R1311
10
l
Red
1 NC
Black plastic
CP1-13R-01
1SFA619100R1341
10
l
Green
1 NO
Black plastic
CP1-13G-10
1SFA619100R1312
10
CP1-11R-10
CP1-11G-10
Compact range
Non-illuminated pushbuttons
Illuminated pushbuttons
For more pilot devices products
please see the complete catalog
1SFC151005C0201.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com