Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJS2-60B Datasheet(PDF) 14 Page - ABB

Part # MJS2-60B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MJS2-60B Datasheet(HTML) 14 Page - ABB

Back Button MJS2-60B Datasheet HTML 10Page - ABB MJS2-60B Datasheet HTML 11Page - ABB MJS2-60B Datasheet HTML 12Page - ABB MJS2-60B Datasheet HTML 13Page - ABB MJS2-60B Datasheet HTML 14Page - ABB MJS2-60B Datasheet HTML 15Page - ABB MJS2-60B Datasheet HTML 16Page - ABB MJS2-60B Datasheet HTML 17Page - ABB MJS2-60B Datasheet HTML 18Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14 | 1SFC151006C0201 | Pilot devices core offering catalog
Modular range
Assemblies
MCBH5-00
MCBH-00
MCB-10
Description
Type
Order code
Pkg
qty
Contact blocks with holder for front mounting, for non-illuminated operators
1 NO
MCBH-10
1SFA611605R1101
10
2 NO
MCBH-20
1SFA611605R1102
10
1 NC
MCBH-01
1SFA611605R1110
10
2 NC
MCBH-02
1SFA611605R1120
10
1 NO + 1 NC
MCBH-11
1SFA611605R1111
10
Description
Type
Order code
Pkg
qty
Holder
3-positions
MCBH-00
1SFA611605R1100
10
5-positions*
MCBH5-00
1SFA611601R1100
10
* Note: Double contact blocks are required on side positions
MCB-01
MCB-02
MCBH-11
Non-illuminated pilot devices
Alternative 1:
Operator + Holder + Contact block
Alternative 2:
Operator + Holder with contact blocks
Illuminated pilot devices
Alternative 3:
Operator + Holder + Contact block + LED block
Alternative 4:
Operator + Holder with contact blocks + LED block
Holders
Contact blocks
Contact blocks with holder
Description
Type
Order code
Pkg
qty
Single contact blocks for front mounting
1 NO
MCB-10
1SFA611610R1001
10
1 NC
MCB-01
1SFA611610R1010
10
1 NO with gold plated contacts
MCB-10G
1SFA611610R1101
10
1 NC with gold plated contacts
MCB-01G
1SFA611610R1110
10
Double contact blocks for front mounting
2 NO
MCB-20
1SFA611610R1002
10
2 NC
MCB-02
1SFA611610R1020
10
Single contact blocks for back mounting in enclosures
1 NO
MCB-10B
1SFA611610R2001
10
1 NC
MCB-01B
1SFA611610R2010
10
MCB-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com