Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJS2-60B Datasheet(PDF) 20 Page - ABB

Part # MJS2-60B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MJS2-60B Datasheet(HTML) 20 Page - ABB

Back Button MJS2-60B Datasheet HTML 16Page - ABB MJS2-60B Datasheet HTML 17Page - ABB MJS2-60B Datasheet HTML 18Page - ABB MJS2-60B Datasheet HTML 19Page - ABB MJS2-60B Datasheet HTML 20Page - ABB MJS2-60B Datasheet HTML 21Page - ABB MJS2-60B Datasheet HTML 22Page - ABB MJS2-60B Datasheet HTML 23Page - ABB MJS2-60B Datasheet HTML 24Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20 | 1SFC151006C0201 | Pilot devices core offering catalog
Non-illuminated emergency stop pushbuttons
CE3T-10R-01
Description
Type
Order code
Pkg
qty
Ø 30 mm
Twist release
1 NC
CE3T-10R-01
1SFA619500R1041
1
2 NC
CE3T-10R-02
1SFA619500R1051
1
1 NO + 1 NC
CE3T-10R-11
1SFA619500R1071
1
Ø 40 mm
Twist release
1 NC
CE4T-10R-01
1SFA619550R1041
1
2 NC
CE4T-10R-02
1SFA619550R1051
1
1 NO + NC
CE4T-10R-11
1SFA619550R1071
1
Pull release
2 NC
CE4P-10R-02
1SFA619551R1051
1
1 NO + 1 NC
CE4P-10R-11
1SFA619551R1071
1
Key release, ronis 455, key code 71
2 NC
CE4K1-10R-02 1SFA619552R1051
1
1 NO +1 NC
CE4K1-10R-11 1SFA619552R1071
1
CE4P-10R-02
CE4T-10R-01
CE4K1-10R-02
For more pilot devices products
please see the complete catalog
1SFC151005C0201.
Color
Contacts
Type
Order code
Pkg
qty
Heavy duty pushbutton
l
Red
1NO+1NO
CP6-10R-11
1SFA619105R1071
10
l
Green
1NO+1NO
CP6-10G-11
1SFA619105R1072
10
l
Black
1NO+1NO
CP6-10B-11
1SFA619105R1076
10
Compact range
Heavy duty pushbuttons
CP6-10B-11
CP6-10G-11
CP6-10R-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com