Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SFA619100R1016 Datasheet(PDF) 16 Page - ABB

Part # 1SFA619100R1016
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

1SFA619100R1016 Datasheet(HTML) 16 Page - ABB

Back Button 1SFA619100R1016 Datasheet HTML 12Page - ABB 1SFA619100R1016 Datasheet HTML 13Page - ABB 1SFA619100R1016 Datasheet HTML 14Page - ABB 1SFA619100R1016 Datasheet HTML 15Page - ABB 1SFA619100R1016 Datasheet HTML 16Page - ABB 1SFA619100R1016 Datasheet HTML 17Page - ABB 1SFA619100R1016 Datasheet HTML 18Page - ABB 1SFA619100R1016 Datasheet HTML 19Page - ABB 1SFA619100R1016 Datasheet HTML 20Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16 | 1SFC151006C0201 | Pilot devices core offering catalog
Modular range
Technical data
Standards and approvals
IEC / EN 60947-1
Low Voltage switchgear and controlgear
- Part 1: General rules
IEC / EN 60947-5-1
Low Voltage switchgear and controlgear - part 5-1: control
circuit devices and switching elements - electromechanical
control circuit devices
IEC / EN 60947-5-5
Low Voltage switchgear and controlgear - part 5-5: control
circuit devices and switching elements - electrical emergency
stop device with mechanical latching function
IEC / EN 60073
Basic and safety principles for man-machine interface, marking
and identification coding principles for indicators and
actuators
IEC / EN 60529
Degrees of protection provided by enclosures (IP code)
EN 50013
Low Voltage switchgear and controlgear for industrial use -
terminal marking and distinctive number for particular control
switches
DIN 40050-9
Road vehicles; Degrees of protection (IP-code); protection against
foreign objects; water and contact; electrical equipment
UL 508
Industrial control equipment
CSA C22.2 No 14
Industrial control equipment
Environmental data
Degrees of protection
Operators
IEC/EN DIN
UL/CSA
Pushbutton: MP *
IP66
Type 1, 3R, 4, 4X, 12, 13
Double pushbutton: MPD IP66
Type 1, 3R, 4, 4X, 12, 13
Mushroom pushbutton:
MPM
IP66
Type 1, 3R, 4, 4X, 12, 13
Emergency stop:
MPET/ MPEP
MPMT/MPMP
IP66
Type 1, 3R, 4, 4X, 12, 13
Selector switch:
M2SS/M3SS *
IP66
Type 1, 3R, 4, 4X, 12, 13
Key-operated selector
switch: M2SSK/M3SSK *
IP66
Type 1, 3R, 4, 4X, 12
Toggle switch:
MTS2/MTS3 *
IP66
Type 1, 3R, 4, 4X, 12, 13
Heavy duty pushbutton:
KP6
-
Type 1, 3R, 4, 4X
Reset pushbutton: KPR * IP 66
Type 1, 3R, 4, 4X, 12, 13
Joystick: MJS
IP66, 67, 69K
Type 1, 4X (indoor), 12, 13
Pilot lights: ML
IP66
Type 1, 3R, 4, 4X, 12, 13
Potentiometer: KT MT*
IP66
Type 1, 3R, 4, 4X, 12, 13
Contact block and
LED block
IP20
-
Plastic enclosures
IP66
Type 1, 3R, 4, 4X, 12, 13
Metallic enclosures
IP66, 67, 69K
-
Temperature
Ambient temperature during operation
-25 to +70 °C
Storage temperature
-40 to +85 °C
*) With chrome plastic bezel
IP66
Type 1, 12, 13
Note: specified degree of protection is for operator mounted on panel. If other items are
mounted in between, please make sure that they are correctly sealed.
Technical data
Terminals
Plus-minus pozidriv No.2 screw with DIN-washer.
Connectable area
min. 1 x 0.5 mm2 /AWG 20
max. 2 x 2.5 mm2/2 x AWG14
Tightening torque
Operators locking nut
Min. 2 Nm / Max. 2.3 Nm
Cable terminals
0.9 Nm
Material
No ozone depleting substances in the products. All front of panel plastic components are
made of polycarbonate
PC polycarbonate
High impact strength, good outdoor resistance. Chemical
resistance (see table below)
PSU polysulphone
Can withstand high temperatures, acids, basic solutions,
alkaline compounds, oils, alcohols
PA polyamide
Can withstand high temperatures, aliphatic, aromatic
and chlorinated hydrocarbons, esters, ketone-aldehydes,
alcohols and basic solutions
PBT
Can withstand high temperature, aliphatic and aromatic
hydrocarbons, acids, basic solutions, alcohols, grease
and oils
Zinc
Good corrosion resistance in inland-, sea and industrial
atmosphere
Light-alloy
Good corrosion resistance in inland-, sea and industrial
atmosphere
Chemical resistance for polycarbonate
Chemical class
Effects
Acids
No significant effect under most typical conditions of
concentration and temperature
Alcohols and alkalis
Generally compatible at low concentration and room
temperature. Higher concentrations and elevated
temperatures can result in etching and attack evidenced
by decomposition
Aliphatic hydrocarbons
Generally compatible
Amines
Surface crystallization and chemical attack. Avoid
Aromatic hydrocarbons
Partial solvents and severe stress cracking agents
(i.e., xylene, toulene). Avoid
Detergents and cleaners
Mild soap solutions are generally compatible. Strong
alkaline materials should be avoided
Esters
Cause severe crystallization. Partial solvents. Avoid
Greases and oils
Pure petroleum types generally compatible. Many
additives used with them are not
Halogenated, hydrocarbons
Solvents. Avoid
Ketones
Cause severe crystallization and stress cracking. Partial
solvents. Avoid
Silicone oil and greases
Generally compatible up to 85 oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com