Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SFA619100R1016 Datasheet(PDF) 17 Page - ABB

Part # 1SFA619100R1016
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

1SFA619100R1016 Datasheet(HTML) 17 Page - ABB

Back Button 1SFA619100R1016 Datasheet HTML 13Page - ABB 1SFA619100R1016 Datasheet HTML 14Page - ABB 1SFA619100R1016 Datasheet HTML 15Page - ABB 1SFA619100R1016 Datasheet HTML 16Page - ABB 1SFA619100R1016 Datasheet HTML 17Page - ABB 1SFA619100R1016 Datasheet HTML 18Page - ABB 1SFA619100R1016 Datasheet HTML 19Page - ABB 1SFA619100R1016 Datasheet HTML 20Page - ABB 1SFA619100R1016 Datasheet HTML 21Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Pilot devices core offering catalog | 1SFC151006C0201 | 17
Electrical data
Standard contact blocks
Self cleaning silver contacts, NC contact with positive opening. At voltages and currents
below 24 V and 5.6 mA we recommend our micro switch blocks.
Ratings as per IEC 60947-5-1
Rated insulation voltage, U
i
690 V
Rated thermal current, I
th
10 A
Rated operational current, I
e
Utilization category AC 15,
at: 120 V
at: 230 V
at: 400 V
at: 690 V
8 A
6 A
4 A
2 A
Rated operational current, I
e utilisation
category DC 13,
at: 24 V
at:125 V
at: 250 V
5 A
1.1 A
0.55 A
Ratings as per UL, CSA, NEMA
A600
AC
Q600
DC
Rated insulation voltage
600 V
600 V
Rated thermal current
10 A
2.5 A
Rated operational current
at: 120 V
at: 240 V
at: 480 V
at: 600 V
6 A
3 A
1.5 A
1.2 A
at: 125 V
at: 250 V
at: 480 V
at: 600 V
0.55 A
0.27 A
0.10 A
0.10 A
Contact resistance
< 25 mΩ
Compulsory function test
at: 5V, 16 mA
Max. number of contact blocks per operator
The contact blocks can be stacked in max two levels on the 3-block holder. Only one level
is accepted on the 5-block holder.
Pushbutton, toggle switch, mushroom pushbutton, double
pushbutton, selector switch, key-operated selector switch and
emergency stop operator
6
Joystick
8
Short circuit protection
Max. fuse at 1 kA
gG 16A
Diagram for make and break contact
NC
NO
= Closed contact
-1
-2
-3
-4
NC
NO
-1
-2
-3
-4
Modular pushbutton
Compact pushbutton
Compact emergency stop pushbutton
Make-and-break contact
= Closed contact
Micro switch block / Ratings as per IEC 60947-5-1
Rated insulation voltage, U
i
125 V
Rated thermal current, I
th
3 A
Rated operational current, I
e utilisation
category AC 14,
at: 125 V
0.5 A
Rated operational current, I
e utilization
category DC 13,
at: 24 V
0.3 A
Rated operational current, I
e utilization
category DC 12,
at: 24 V
0.1 A
Minimum switching capacity
Standard contact blocks
24 V DC
5.6 mA
Gold plated contact blocks
5 V DC
12 mA
12 V DC
1 mA
Micro switch blocks
3 V DC
1 mA
Ratings as per UL 508
125 V AC
3 A
60 V DC
0.2 A
48 V DC
0.1 A
Mechanical data
Mechanical life
Standard contact blocks
10 million operations
Pushbuttons, momentary mushroom
pushbutton
2 million operations
Selector switches
Present standard
(no operation of center contact)
500 000 operations
With operation of center contact
250 000 operations
150 000 operations
Maintained mushroom
pushbutton, key-operated selector
switch and double pushbutton
500 000 operations
Emergency stop
100 000 operations
Toggle switch
1 million operations
Joystick
500 000 operations
400 000 operations
300 000 operations
Modular range
Technical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com