Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SFA619100R1016 Datasheet(PDF) 22 Page - ABB

Part # 1SFA619100R1016
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

1SFA619100R1016 Datasheet(HTML) 22 Page - ABB

Back Button 1SFA619100R1016 Datasheet HTML 16Page - ABB 1SFA619100R1016 Datasheet HTML 17Page - ABB 1SFA619100R1016 Datasheet HTML 18Page - ABB 1SFA619100R1016 Datasheet HTML 19Page - ABB 1SFA619100R1016 Datasheet HTML 20Page - ABB 1SFA619100R1016 Datasheet HTML 21Page - ABB 1SFA619100R1016 Datasheet HTML 22Page - ABB 1SFA619100R1016 Datasheet HTML 23Page - ABB 1SFA619100R1016 Datasheet HTML 24Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22 | 1SFC151006C0201 | Pilot devices core offering catalog
Description
Type
Order code
Pkg
qty
Protective cover
Protective cover
KA1-8010
1SFA616920R8010
10
Note: For flush pushbutton to prevent accidental operation. Cannot be used together with Legend plate holder.
Bezel
For pushbuttons
Chrome metal
KA1-8021
1SFA616920R8021
10
Blanking plug
Black
MA1-8130
1SFA611920R8130
10
Adaptors 30 mm
Black plastic
KA1-8029
1SFA616920R8029
1
Metal
KA1-8030
1SFA616920R8030
1
Note: For use when fitting the 22 mm pilot devices in 30 mm mounting holes (1.5 - 4 mm panels)
For use with pushbuttons, selector switches, emergency stop pushbutton and pilot lights
Legend plates and holders
Grey legend plate holder for plastic enclosures
MA6-1060
1SFA611930R1060
1
Black legend plate holder
KA1-8120
1SFA616920R8120
1
Legend plate without text or symbol
KA1-8121
1SFA616920R8121
1
Legend plate for emergency stops for compact enclosures
CA6-1026
1SFA619930R1026
1
Enclosures
Yellow compact enclosure for emergency stop pushbuttons
CEPY1-0
1SFA619821R1000
1
Yellow shroud
CA1-8053
1SFA619920R8053
1
Distance washer
SK615516-1
1
KA1-8010
MA1-8130
KA1-8120
KA1-8121
KA1-8021
Compact range
Accessories
CEPY1-0
CA1-8053
For more pilot devices products
please see the complete catalog
1SFC151005C0201.
Compact range
Non-illuminated selector switches
Description
Contacts
Bezel
Type
Order code
Pkg
qty
2-position, short handle
Maintained
1 NO
Black plastic
C2SS1-10B-10
1SFA619200R1016
10
2 NO
Black plastic
C2SS1-10B-20
1SFA619200R1026
10
1 NO +1 NC
Black plastic
C2SS1-10B-11
1SFA619200R1076
10
Maintained
1 NO
Black plastic
C2SS2-10B-10
1SFA619201R1016
10
2 NO
Black plastic
C2SS2-10B-20
1SFA619201R1026
10
1 NO +1 NC
Black plastic
C2SS2-10B-11
1SFA619201R1076
10
3-position, short handle
Maintained
2 NO
Black plastic
C3SS1-10B-20
1SFA619210R1026
10
2 NO
Chrome metal
C3SS1-30B-20
1SFA619210R3026
10
1 NO +1 NC
Black plastic
C3SS1-10B-11
1SFA619210R1076
10
Momentary
2 NO
Black plastic
C3SS2-10B-20
1SFA619211R1026
10
C2SS1-10B-10
C3SS1-30B-20
KA1-8029
KA1-8030
CA1-1026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com