Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5050ATR-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 2Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 3Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 4Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 5Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 6Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Block diagram and pin description
VNH5050A-E
6/33
Doc ID 16009 Rev 11
Figure 2.
Configuration diagram (top view)
Table 3.
Suggested connections for unused and not connected pins
Connection / pin
Current sense
N.C.
SOURCE_HSx
DRAIN_LSx
INPUTx, PWM
DIAGx/ENx
CS_DIS
Floating
Not allowed
X
X
X
X
To ground
Through 1 k
Ω
resistor
XNot allowed
X
Through 10 k
Ω
resistor
Table 4.
Pin definitions and functions
Pin N°
Symbol
Function
13, 24
VCC, Heat
slug1
Drain of high-side switches and power supply voltage.
18
NC
Not connected.
15
INA
Clockwise input.
16
ENA/DIAGA
Status of high-side and low-side switches A;
Open drain output.
17
IN_PWM
PWM input.
19
CS
Output of current sense.
1
CS
19
ENA/DIAGA
GND_B
ENB/DIAGB
CS_DIS
18
INA
SOURCE HSB
GND_B
Slug1
Slug2
Slug3
36
SOURCE HSA
DRAIN LSA
SOURCE HSA
SOURCE HSA
VCC
VCC
SOURCE HSB
SOURCE HSB
DRAIN LSB
GND_B
GND_B
DRAIN LSB
GND_A
IN_PWM
NC
SOURCE HSB
GND_B
GND_B
DRAIN LSA
GND_A
GND_A
GND_A
GND_A
GND_A
SOURCE HSA
SOURCE HSB
INB
SOURCE HSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com