Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5050ATR-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 11Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 12Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 13Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 14Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 15Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 16Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
VNH5050A-E
Electrical specifications
Doc ID 16009 Rev 11
13/33
VSENSE
Max analog sense
output voltage
IOUT =10A; VCSD =0 V;
RSENSE =800 Ω
5V
ISENSETYP_500 Typical analog sense
IOUT =500 mA; VCC =13V;
Tj =- 40 °C
87
µA
IOUT =500 mA; VCC =13V;
Tj =25°C
91
µA
IOUT =500 mA; VCC =13V;
Tj =150 °C
100
µA
ISENSE0
Analog sense leakage
current
IOUT = 0 A; VSENSE =0 V;
VCSD =5 V; VIN =0 V;
Tj =- 40 °C to 150°C
05
µA
VCSD =0 V; VIN =5 V;
Tj = - 40 °C to 150 °C
0180
µA
VCSD =5 V; VIN =5 V;
IOUT =8.5 A
05
µA
tDSENSEH
Delay response time
from falling edge of
CS_DIS pin
VIN =5 V; VSENSE <4 V,
IOUT =8.5 A;
ISENSE =90 % of ISENSEmax
(see Figure 8)
50
µs
tDSENSEL
Delay response time
from rising edge of
CS_DIS pin
VIN =5 V; VSENSE <4 V;
IOUT = 8.5 A;
ISENSE =10 % of ISENSEmax
(see Figure 8)
20
µs
1.
Analog sense current drift is deviation of factor K for a given device over (-40°C to 150°C and
9V < VCC < 18 V) with respect to its value measured at Tj = 25 °C, VCC = 13 V.
Table 12.
Current sense (9 V < VCC < 18 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com