Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5050ATR-E Datasheet(PDF) 32 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 25Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 26Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 27Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 28Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 29Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 30Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 31Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 32Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Revision history
VNH5050A-E
32/33
Doc ID 16009 Rev 11
6
Revision history
Table 21.
Document revision history
Date
Revision
Description of changes
06-Jul-2009
1
Initial release.
15-Sep-2009
2
Updated
Figure 1: Block diagram.
Updated following tables:
–
Table 2: Block description
–
Table 6: Absolute maximum ratings
–
Table 8: Power section
–
Table 11: Protections and diagnostics
–
Table 12: Current sense (9 V < VCC <18V)
–
Table 14: Truth table in fault conditions (detected on OUTA)
Updated
Chapter 3: Application information.
Modified
Table 12: Current sense (9 V < VCC <18V).
02-Dec-2009
3
Updated following tables:
–
Table 8: Power section
–
Table 10: Switching (VCC =13V, RLOAD = 1.5 Ω)
–
Table 11: Protections and diagnostics
–
Table 12: Current sense (9 V < VCC <18V)
Added
Chapter 4: Package and PCB thermal data
16-Dec-2009
4
Updated
Table 4: Pin definitions and functions
02-Mar-2010
5
Updated
Table 14: Truth table in fault conditions (detected on
OUTA).
30-Apr-2010
6
Updated following tables:
–
Table 10: Switching (VCC =13V, RLOAD = 1.5 Ω)
–
Table 11: Protections and diagnostics
30-Jun-2010
7
Updated following tables:
–
Table 7: Thermal data
–
Table 8: Power section
–
Table 12: Current sense (9 V < VCC <18V)
05-Jul-2010
8
Updated
Table 19: Thermal parameters.
19-Oct-2010
9
Updated
Table 12: Current sense (9 V < VCC <18V)
Updated
Section 4.1.3: Thermal calculation in transient mode
Added
Figure 18: Detailed chipset configuration
22-Dec-2011
10
Updated
Figure 1: Block diagram
Added
Table 3: Suggested connections for unused and not
connected pins
Table 11: Protections and diagnostics:
–TTSD, TTR, THYST: added note
Updated
Figure 9: Waveforms in full-bridge operation and
Figure 10: Waveforms in full-bridge operation (continued)
19-Sep-2013
11
Updated Disclaimer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com