Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH9030AQ Datasheet(PDF) 2 Page - STMicroelectronics

Part # VNH9030AQ
Description  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH9030AQ Datasheet(HTML) 2 Page - STMicroelectronics

  VNH9030AQ Datasheet HTML 1Page - STMicroelectronics VNH9030AQ Datasheet HTML 2Page - STMicroelectronics VNH9030AQ Datasheet HTML 3Page - STMicroelectronics VNH9030AQ Datasheet HTML 4Page - STMicroelectronics VNH9030AQ Datasheet HTML 5Page - STMicroelectronics VNH9030AQ Datasheet HTML 6Page - STMicroelectronics VNH9030AQ Datasheet HTML 7Page - STMicroelectronics VNH9030AQ Datasheet HTML 8Page - STMicroelectronics VNH9030AQ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Description
The VNH9030AQ is a full bridge motor driver intended for a wide range of automotive applications. The device
incorporates a dual monolithic high-side driver and two low-side switches. All switches are designed using
STMicroelectronics well known and proven proprietary VIPower technology that allows to efficiently integrate on
the same die a true Power MOSFET with an intelligent signal/protection circuitry. The three dices are assembled
in a QFN 6x6 triple pad 26+2L package equipped with three exposed islands for optimized dissipation
performances. This package is specifically designed for the harsh automotive environment and offers improved
thermal performance thanks to exposed die pads. The input signals INA and INB can directly interface the
microcontroller to select the motor direction and the brake to VCC condition. Two selection pins (SEL0 and SEL1)
to address the information are available on the multisense to the microcontroller. The multisense pin allows
monitoring the motor current by delivering a current proportional to the motor current value and provides the
diagnostic feedback and Case temperature according to the implemented truth table. The PH_OUT pin provides
feedback on the OUTA and OUTB state for safety-relevant functions. The PWM, up to 25 kHz, allows controlling
the speed of the motor in all possible conditions or selecting the brake to GND condition. In all cases, a low-level
state on the PWM pin turns off both the LSA and LSB switches.
VNH9030AQ
DS13967 - Rev 8
page 2/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com