Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH9030AQ Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNH9030AQ
Description  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH9030AQ Datasheet(HTML) 3 Page - STMicroelectronics

  VNH9030AQ Datasheet HTML 1Page - STMicroelectronics VNH9030AQ Datasheet HTML 2Page - STMicroelectronics VNH9030AQ Datasheet HTML 3Page - STMicroelectronics VNH9030AQ Datasheet HTML 4Page - STMicroelectronics VNH9030AQ Datasheet HTML 5Page - STMicroelectronics VNH9030AQ Datasheet HTML 6Page - STMicroelectronics VNH9030AQ Datasheet HTML 7Page - STMicroelectronics VNH9030AQ Datasheet HTML 8Page - STMicroelectronics VNH9030AQ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Vcc
Vcc clamp
Undervoltage
GND_A
SOURCE_HSA
SOURCE_HSB
Logic, Diagnostic, Protections
HS Power Limitation
Over Temperature
HS Current Limit
Cross Current protection
Fault Detection
LS over Load detection
Outputs
Monitoring
Tchip
Monitor
Current
Sense
VREG
VREG
GNDB
HS_B
MUX
LS_B
LS_A
CLAMP
HS_A
CLAMP
LS_A
HS_A
CLAMP
LS_B
CLAMP
HS_B
Driver
HS_A
Driver
LS_A
Driver
HS_B
Driver
LS_B
Sensing
Conditioning
Sensing
Conditioning
Sensing
Conditioning
Sensing
Conditioning
K
K
DRAIN_LSA
DRAIN_LSB
GADG260520231127GT
Table 1. Block description
Name
Description
Logic control
Allows the turn-on and the turn-off of the high-side and the low-side switches according to the Truth
table: operative condition and diagnostic.
Undervoltage
Shuts down the device for battery voltage below (4 V).
High-side and low-side driver
Drives the gate of the concerned switch to allow a proper RDS(on) for the leg of the bridge.
High-side current limitation
Limits the motor current in case of short circuit.
High-side and low-side
overtemperature protection
In case of overload that increase the junction temperature, it shuts down the concerned driver to
prevent degradation and to protect the die.
Low-side overcurrent detector
Detects when low-side current exceeds shutdown current and latches off the concerned low side.
Fault detection
Signalizes an abnormal condition of the switch (output shorted to ground or output shorted to battery)
by feedback on the multisense.
High-side power limitation
Limits the power dissipation of the high-side driver inside safe range in case of short to ground
condition.
Tchip warning
Provides a warning signal of the chip temperature by feedback on the multisense.
VREG
Internal voltage regulator that provides the supply for the gates of the low-side switches.
Output monitoring
Provides feedback of OUTA and OUTB state in ON state and OFF state.
VNH9030AQ
Block diagram and pin description
DS13967 - Rev 8
page 3/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com