Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH9030AQ Datasheet(PDF) 28 Page - STMicroelectronics

Part # VNH9030AQ
Description  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH9030AQ Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VNH9030AQ Datasheet HTML 24Page - STMicroelectronics VNH9030AQ Datasheet HTML 25Page - STMicroelectronics VNH9030AQ Datasheet HTML 26Page - STMicroelectronics VNH9030AQ Datasheet HTML 27Page - STMicroelectronics VNH9030AQ Datasheet HTML 28Page - STMicroelectronics VNH9030AQ Datasheet HTML 29Page - STMicroelectronics VNH9030AQ Datasheet HTML 30Page - STMicroelectronics VNH9030AQ Datasheet HTML 31Page - STMicroelectronics VNH9030AQ Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Table 16. PCB properties
Dimension
Value
Board
Double layer and six layers
Board finish thickness
1.6 mm ±10%
Board dimension
78 mm x 86 mm
Board material
FR4
Cu thickness (outer layers)
0.070 mm
Cu thickness (inner layers)
0.035 mm
Thermal vias spaced on a
1.2 mm x 1.2 mm grid.
Vias pad clearance thickness
0.2 mm
Thermal vias diameter
0.3 mm ±0.08 mm
Cu thickness on vias
0.025 mm
Figure 21. Chipset configuration
8
16
Chip 1
RthA
Chip
2
Chip
3
RthB
RthC
RthAB
RthAC
RthBC
Table 17. RthJ-Amb vs Cu area dissipation
Thermal resistance (°C/W)
Cu 8 cm2
6L
RthA
42.2
24.3
RthB = RthC
49.4
28.2
RthAB = RthAC
19
10.5
RthBC
19.8
11.2
Note:
The RthJ-PCB is measured on 6L = 8.3 °C/W.
10.1.1
Thermal resistances definition
The values are defined according to the PCB heatsink area:
•
RthHS = RthHSA = RthHSB = high side chip thermal resistance junction to ambient (HSA or HSB in ON state)
•
RthLS = RthLSA = RthLSB = low side chip thermal resistance junction to ambient
•
RthHSLS = RthHSALSB = RthHSBLSA = mutual thermal resistance junction to ambient between high side and
low side chips
•
RthLSLS = RthLSALSB = mutual thermal resistance junction to ambient between low side chip.
VNH9030AQ
Package and PCB thermal data
DS13967 - Rev 8
page 28/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com