Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH9045AQ Datasheet(PDF) 20 Page - STMicroelectronics

Part # VNH9045AQ
Description  Automotive fully integrated H-bridge motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH9045AQ Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VNH9045AQ Datasheet HTML 16Page - STMicroelectronics VNH9045AQ Datasheet HTML 17Page - STMicroelectronics VNH9045AQ Datasheet HTML 18Page - STMicroelectronics VNH9045AQ Datasheet HTML 19Page - STMicroelectronics VNH9045AQ Datasheet HTML 20Page - STMicroelectronics VNH9045AQ Datasheet HTML 21Page - STMicroelectronics VNH9045AQ Datasheet HTML 22Page - STMicroelectronics VNH9045AQ Datasheet HTML 23Page - STMicroelectronics VNH9045AQ Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
4
Typical application schematic
Figure 16. Typical application schematic
GADG270620231443GT
M
OUT_A
OUT_B
μC
C1
Creg
VBAT
RSense
VCC
INB INA
PWM
Logic,
Diagnostic,
Protections
VREG
HS_B
SEL0
MSense
SEL1
LS_B
LS_A
P_OUT
HS_A
Driver
HS_A
Driver
LS_A
Driver
HS_B
Driver
LS_B
Sensing
Conditioning
Sensing
Conditioning
Sensing
Conditioning
Sensing
Conditioning
K
K
SOURCE_HSA
DRAIN_LSA
SOURCE_HSB
DRAIN_LSB
C2(Vcc)
C1(Vcc)
GNDA
GNDB
Rreg
N-Mos
VBAT
VREG
VDD
Table 14. Suggested external components
Component
Value
C1 (VCC)
100 nF
C2 (VCC)
470 μF
RReg
220 Ω
CReg
100 nF
RProt
1.5 kΩ
R1
10 kΩ
RSense
0.7 kΩ
CSense
10 nF
RPup
10 kΩ
VNH9045AQ
Typical application schematic
DS14535 - Rev 6
page 20/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com