Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH9045AQ Datasheet(PDF) 39 Page - STMicroelectronics

Part # VNH9045AQ
Description  Automotive fully integrated H-bridge motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH9045AQ Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VNH9045AQ Datasheet HTML 32Page - STMicroelectronics VNH9045AQ Datasheet HTML 33Page - STMicroelectronics VNH9045AQ Datasheet HTML 34Page - STMicroelectronics VNH9045AQ Datasheet HTML 35Page - STMicroelectronics VNH9045AQ Datasheet HTML 36Page - STMicroelectronics VNH9045AQ Datasheet HTML 37Page - STMicroelectronics VNH9045AQ Datasheet HTML 38Page - STMicroelectronics VNH9045AQ Datasheet HTML 39Page - STMicroelectronics VNH9045AQ Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 3
Figure 2.
Configuration diagram (bottom view) ..................................................... 4
Figure 3.
Current convention ................................................................. 5
Figure 4.
Current sense timings (current sense mode)............................................... 11
Figure 5.
tDSTKON ........................................................................ 11
Figure 6.
Definition of the low-side switching times ................................................. 12
Figure 7.
Definition of the high-side switching times ................................................ 12
Figure 8.
Low-side turn-on delay time .......................................................... 13
Figure 9.
Time to shutdown for the low-side driver ................................................. 13
Figure 10.
Input reset time for HSD-fault unlatch ................................................... 14
Figure 11.
Input reset time for LSD-fault unlatch.................................................... 14
Figure 12.
PH_OUT delay time on out switch ...................................................... 15
Figure 13.
PH_OUT delay time on SELx change ................................................... 15
Figure 14.
OFF-state diagnostic delay time from rising edge of VOUT (tD_VOL) ............................... 16
Figure 15.
State diagram.................................................................... 18
Figure 16.
Typical application schematic ......................................................... 20
Figure 17.
Current sense block diagram ......................................................... 21
Figure 18.
VSENSE vs ILOAD at VCC = 13 V........................................................ 22
Figure 19.
QFN 6x6 26+2L PCB 6 layers......................................................... 27
Figure 20.
Chipset configuration............................................................... 28
Figure 21.
HSD thermal impedance junction ambient single pulse ....................................... 29
Figure 22.
LSD thermal impedance junction ambient single pulse........................................ 30
Figure 23.
Thermal fitting model ............................................................... 30
Figure 24.
QFN 6x6 triple pad 26+2L package outline ................................................ 32
Figure 25.
QFN 6x6 triple pad 26+2L package sections............................................... 33
VNH9045AQ
List of figures
DS14535 - Rev 6
page 39/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com