Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH9045AQ Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNH9045AQ
Description  Automotive fully integrated H-bridge motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH9045AQ Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNH9045AQ Datasheet HTML 17Page - STMicroelectronics VNH9045AQ Datasheet HTML 18Page - STMicroelectronics VNH9045AQ Datasheet HTML 19Page - STMicroelectronics VNH9045AQ Datasheet HTML 20Page - STMicroelectronics VNH9045AQ Datasheet HTML 21Page - STMicroelectronics VNH9045AQ Datasheet HTML 22Page - STMicroelectronics VNH9045AQ Datasheet HTML 23Page - STMicroelectronics VNH9045AQ Datasheet HTML 24Page - STMicroelectronics VNH9045AQ Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
5
Multisense operation
5.1
Multisense analog current monitoring
Diagnostic information on device and load status is provided by an analog output pin (Multisense) delivering the
current mirror of high-side output current.
The signal is routed through an analog multiplexer, which is configured and controlled by means of SELx pins,
according to the address map in Multisense multiplexer addressing table.
5.1.1
Current sense signal generation principle
Figure 17. Current sense block diagram
INPUT
Vcc
OUT
To uC ADC
RPROT
RSENSE
Main MOS
Sense MOS
Fault
CS
Current sense Switch Block
Current sense
Current sense
The output is capable of providing:
•
Current mirror proportional to the load current in normal operation, delivering current proportional to the
load according to a known ratio named K
•
Diagnostics flag in fault conditions delivering a current ISENSEH converted into a voltage (VSENSEH) by
using an external sense resistor
The current delivered by the current sense circuit, ISENSE, can be easily converted into a voltage VSENSE by using
an external sense resistor, RSENSE, allowing continuous load monitoring and abnormal condition detection.
Normal operation (channel ON, no fault)
While the device is operating in normal conditions (no fault intervention), VSENSE calculation can be done using
simple equations.
Current provided by MultiSense output: ISENSE = IOUT/K
Voltage on RSENSE: VSENSE = RSENSE · ISENSE = RSENSE · IOUT/K
Where:
•
VSENSE is the voltage measurable on the RSENSE resistor
•
ISENSE is the current provided from current sense pin in current output mode
•
IOUT is the current flowing through output
VNH9045AQ
Multisense operation
DS14535 - Rev 6
page 21/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com