Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP24-RPS Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # RP24-RPS
Description  For Military and Industrial Deployed Power Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

RP24-RPS Datasheet(HTML) 3 Page - Elma Electronic Ltd

  RP24-RPS Datasheet HTML 1Page - Elma Electronic Ltd RP24-RPS Datasheet HTML 2Page - Elma Electronic Ltd RP24-RPS Datasheet HTML 3Page - Elma Electronic Ltd RP24-RPS Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATA SHEET
www.elma.com
3/4
RP24 Rugged Power Supply & RA24 Battery Module
For Military and Industrial Deployed Power Applications
3/4
Datasheet-RP24-RuggedPSU-&-RA24-Battery-Module-10.01.24
OPERATION AND FUNCTIONS
User Interface
Main switch:
Toggle switch On/Off
Rotary switch with push-button:
Menu navigation for setup and control
Alphanumeric display:
Indication of operating condition, operating time, energy consumed, error messages and diagnosis
Connections
AC-Line:
AC Input
AKKU1 and AKKU2:
Connection for battery (input / output)
LOAD1 and LOAD2:
Connection for the load
Data:
Remote Monitoring (SNMPv3 protocol)
GND:
Lightning protection
LOAD1/2 Connector:
Amphenol MS3102R20-23S (screw threaded connector)
AKKU1/2 Connector:
ITT CANNON CA3102E20-24SB (Bayonet connector)
AC-In Connector:
Binder 09-4227-00-07
Ethernet Connector:
Amphenol TVP00RW-9-9
RP24 Rugged Power Supply
NETWORK INTERFACE
RA24 Rugged Battery Module
Type:
Ethernet
Internet Protocol:
IPv4, IPv6
Data Rate:
10/100Mbps
Protocols:
SNMPv3, HTTP, HTTPS, DHCP, DHCPv6, SLAAC, MLD, LLMNR, mDNS, ICMP, ICMPv6
ELECTRICAL SPECIFICATIONS
Input Voltage
115 - 230 VAC
Input Current
6 A @ 230 VAC
Class of Equipmnet Class II
Isolation
3 kVAC
RP24 Rugged Power Supply
Input
Output Voltage
27 VDC
Output Power
1000 W
Ripple Noise
< 150 mVpp
Output
Battery Technology
Lithium Iron Phosphate (LiFePO4)
Output Voltage
22V min, 25.6V nom, 29V max
Continuous Output current
0.1A min, 40A nom, 44A max
Output Current 30ms
66A nom, 72A max
External Charging Voltage
22V min, 27.3V nom, 32V max
External Charging Current
5A min, 16A max
Charging Power
150W min, 350W max
Charging Time
4 hours min, 10 hours max
Standby Power Consumption (data interface and display off) Approximately 1W
Standby Power Consumption (data interface and display on)
Approximately 2.5W
Power Consumption (device off)
Less than 1mW
Self-Discharge (device off)
2.7% per month
RA24 Rugged Battery Module
DIMENSIONS AND WEIGHT
RP24 Rugged Power Supply
Dimensions
451 x 473 x 113.1 mm
Weight
< 20 kg
RP24 Rugged Battery Module
Dimensions
473 x 451 x 121.5 mm
Weight
< 20 kg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com