Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP24-RPS Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # RP24-RPS
Description  For Military and Industrial Deployed Power Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

RP24-RPS Datasheet(HTML) 4 Page - Elma Electronic Ltd

  RP24-RPS Datasheet HTML 1Page - Elma Electronic Ltd RP24-RPS Datasheet HTML 2Page - Elma Electronic Ltd RP24-RPS Datasheet HTML 3Page - Elma Electronic Ltd RP24-RPS Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATA SHEET
www.elma.com
4/4
RP24 Rugged Power Supply & RA24 Battery Module
For Military and Industrial Deployed Power Applications
4/4
Datasheet-RP24-RuggedPSU-&-RA24-Battery-Module-10.01.24
© Copyright 2024 by Elma Electronic Inc. Subject to technical modifications, all data supplied without liability.
Please contact our sales team for more details.
United States: +1 510 656 3400
France: +33 388 56 72 50
Germany: +49 7231 97 34 0
Israel: +972 3 930 50 25
Singapore: +65 6479 8552
Switzerland: +41 44 933 41 11
United Kingdom: +44 1234 838 822
RP24 Rugged Battery Module
SYSTEM SPECIFICATIONS
RP24 Rugged Power Supply
Environment
Operating altitude max.:
3’500 m
Transportation altitude max.:
5’500 m
Operating / storage temperature:
-35 °C to +60 °C / -40 °C to +85 °C
Efficiency:
91 %
MTBF:
110’000 h (MIL HDBK217F) @ max. load
Shock:
MIL-STD-810G (Method 516.6-I)
Vibration:
MIL-STD-810G (Method 514.6 Cat 4,7,10,11)
Atmospheric pressure:
MIL-STD-810G (Method 500.5-I and II)
Temperature:
MIL-STD-810G (Method 501.5-I and II, limited to 60°C)
MIL-STD-810G (Method 502.5-I and II)
Rain, Humidity, Sand, Dust:
MIL-STD-810G (Method 506.5, 507.5, 510.5), EN60529
Safety, EMC and HEMP
Safety:
EN61204, -7 ; EN60950-1 (Class II)
EMC:
EN61000-6-2, EN61000-6-3, EN61204-3, MIL-STD-461G, MIL-STD-461G (RE102, CE102)
Lightning, HEMP
HPE degree of protection II
Environment
Operating altitude max
3’500 m
Transportation altitude max.
5’500 m
Operating / storage temperature
-35 °C to +60 °C / -40 °C to +85 °C (to be confirmed)
Shock
MIL-STD-810G (Method 516.6-I)
Vibration
MIL-STD-810G (Method 514.6 Cat 4,7,10,11)
Atmospheric pressure
MIL-STD-810G (Method 500.5-I and II)
Temperature
MIL-STD-810G (Method 501.5-I and II, limited to 60°C)
MIL-STD-810G (Method 502.5-I and II)
Rain, Humidity, Sand, Dust
MIL-STD-810G (Method 506.5, 507.5, 510.5), EN60529
Security, EMC, HEMP
Safety:
EN61204, -7; EN60950-1 (Class II)
EMC::
EN61000-6-2, EN61000-6-3, EN61204-3, MIL-STD-461G MIL-STD-461G (RE102, CE102)
Lightning, HEMP
HPE degree of protection II



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com