Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP24-RPS Datasheet (PDF) - Elma Electronic Ltd

RP24-RPS Datasheet PDF - Elma Electronic Ltd
Part # RP24-RPS
Download  RP24-RPS Download
File Size   840.56 Kbytes
Page   4 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description For Military and Industrial Deployed Power Applications

RP24-RPS Datasheet (PDF)

Go To PDF Page Download Datasheet
RP24-RPS Datasheet PDF - Elma Electronic Ltd

Part # RP24-RPS
Download  RP24-RPS Click to download

File Size   840.56 Kbytes
Page   4 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description For Military and Industrial Deployed Power Applications

RP24-RPS Datasheet (HTML) - Elma Electronic Ltd


RP24-RPS Product details

Key Features and Benefits
■ Rugged design: Milled from high-grade aluminum,
withstands drops from 1.5m, IP67 rated
■ Wide input range: 115/230VAC input with
reinforced Class II isolation
■ Versatile DC capability: 24VDC input/output, battery
charging, and UPS functionality
■ Modular and scalable: Up to 5 RP24 units (4.5kW)
and 10 RA24 modules in parallel
■ High reliability: Triple redundant AC/DC converters in
RP24
■ Operational at altitude: Functions up to 3,500m,
transportable to 5,500m
■ Extreme temperature range: -35°C to +60°C operation
■ Advanced monitoring: Built-in display and remote
monitoring via SNMPv3
■ Long life: 110,000 hour MTBF (RP24)
■ Military-grade EMC performance: Meets MIL-STD-
461G standards
■ Quick charging: RA24 charges in 4-10 hours




Similar Part No. - RP24-RPS

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP240H-11005SRW RECOM-RP240H-11005SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP240H-11012SRW RECOM-RP240H-11012SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP240H-11015SRW RECOM-RP240H-11015SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP240H-11024SRW RECOM-RP240H-11024SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
RP240H-11048SRW RECOM-RP240H-11048SRW Datasheet
2Mb / 15P
4:1 Wide Input Range
More results


Similar Description - RP24-RPS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
November 2000
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
May 2001
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
May 2001
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com