Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208 Datasheet(PDF) 7 Page - STMicroelectronics

Part # DALC208
Description  LOW CAPACITANCE DIODE ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button DALC208 Datasheet HTML 2Page - STMicroelectronics DALC208 Datasheet HTML 3Page - STMicroelectronics DALC208 Datasheet HTML 4Page - STMicroelectronics DALC208 Datasheet HTML 5Page - STMicroelectronics DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics DALC208 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
1
10
100
1,000
-100
-80
-60
-40
-20
0
f(MHz)
dBm
Fig. A8: Analog crosstalk results.
3- Analog Crosstalk
Figure A7 gives the measurement circuit for the
analog application. In usual frequency range of
analog signals (up to 100MHz) the effect on
disturbed line is less than -45 dBm (please see Fig.
A8).
Fig. A7: Analog crosstalk measurements.
SPECTRUM ANALYSER
Vout
50
Ω
TRACKING GENERATOR
Vg
Vin
50
Ω
TEST BOARD
+5V
DALC
208
C=100nF
Fig. A9: Measurement conditions.
As the DALC208SC6 is designed to protect high
speed data lines, it must ensure a good
transmission of operating signals. The attenuation
curve give such an information.
Fig. A10 shows that the DALC208SC6 is well
suitable for data line transmission up to 100 Mbit/s
while it works as a filter for undesirable signals as
GSM (900MHz).
1
10
100
1,000
-30
-20
-10
0
f(MHz)
dBm
Fig. A10: DALC206SC6 attenuation.
SPECTRUM ANALYSER
Vout
50
Ω
TRACKING GENERATOR
Vg
Vin
50
Ω
TEST BOARD
+5V
DALC
208
C=100nF
DALC208SC6
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com