Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208 Datasheet(PDF) 9 Page - STMicroelectronics

Part # DALC208
Description  LOW CAPACITANCE DIODE ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button DALC208 Datasheet HTML 2Page - STMicroelectronics DALC208 Datasheet HTML 3Page - STMicroelectronics DALC208 Datasheet HTML 4Page - STMicroelectronics DALC208 Datasheet HTML 5Page - STMicroelectronics DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics DALC208 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PSPICE MODEL
Figure A11 shows the PSpice model of one
DALC208SC6 cell. In this model, the diodes are
defined by the PSpice parameters given in table
below (Fig A12).
Note: This simulation model is available only for an ambient tem-
perature of 27°C.
The simulations done (Fig. A13, A14, A15) shows
that the PSpice model is close to the product
behavior.
DPOS
DNEG
BV
99
CJO
7p
7p
IBV
1u
1u
IKF
28.357E-3
1000
IS
118.78E-15
5.6524E-9
ISR
100E-12
472.3E-9
M
0.3333
0.3333
N
1.3334
2.413
NR
22
RS
0.68377
0.71677
VJ
0.6
0.6
Fig. A12: PSpice parameters.
Vref2
Vref1
I/O
Dpos
Dneg
0.3
Ω
0.5
Ω
0.8nH
1.45nH
0.8nH 0.3
Ω
Fig. A11: PSpice model of one DALC208SC6 cell.
0
50
100
0
10
20
30
40
50
60
t(ns)
Current (A) / Voltage (V)
Current
Surge
I/O
Voltage
Fig. A13a: PSpice model simulation: surge > 0
IEC 1000-4-2 contact discharge response.
0
50
100
-50
-40
-30
-20
-10
0
t(ns)
Current (A) / Voltage (V)
Current
Surge
I/O
Voltage
Fig. A13b: PSpice model simulation: surge < 0
IEC 1000-4-2 contact discharge response.
1
10
100
1,000
-30
-20
-10
0
f(MHz)
dBm
Measured
PSpice
Fig. A14: Attenuation comparison.
DALC208SC6
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com