Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DALC208 Datasheet(PDF) 6 Page - STMicroelectronics

Part # DALC208
Description  LOW CAPACITANCE DIODE ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button DALC208 Datasheet HTML 2Page - STMicroelectronics DALC208 Datasheet HTML 3Page - STMicroelectronics DALC208 Datasheet HTML 4Page - STMicroelectronics DALC208 Datasheet HTML 5Page - STMicroelectronics DALC208 Datasheet HTML 6Page - STMicroelectronics DALC208 Datasheet HTML 7Page - STMicroelectronics DALC208 Datasheet HTML 8Page - STMicroelectronics DALC208 Datasheet HTML 9Page - STMicroelectronics DALC208 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CROSSTALK BEHAVIOR
1- Crosstalk phenomena
The crosstalk phenomena are due to the coupling
between 2 lines. The coupling factor (
β12 or β21)
increases when the gap across lines decreases,
particularly in silicon dice. In the example above
the expected signal on load RL2 is
α2VG2, in fact
the real voltage at this point has got an extra value
β21VG1. This part of the VG1 signal represents the
effect of the crosstalk phenomenon of the line 1 on
the line 2. This phenomenon has to be taken into
account when the drivers impose fast digital data
or high frequency analog signals in the disturbing
line. The perturbed line will be more affected if it
works with low voltage signal or high load
impedance (few k
Ω). The following chapters give
the value of both digital and analog crosstalk.
2- Digital Crosstalk
Figure A5 shows the measurement circuit used to
quantify the crosstalk effect in a classical digital
application.
Figure A6 shows that in such a condition: signal
from 0V to 5V and a rise time of 5 ns, the impact on
the disturbed line is less than 100mV peak to peak.
No data disturbance was noted on the concerned
line. The same results were obtained with falling
edges.
Note: The measurements have been done in the worst case i.e. on
two adjacent cells (I/O1 & I/O4).
Line 1
Line 2
VG1
VG2
RG1
RG2
DRIVERS
RL1
RL2
RECEIVERS
α
β
+
1
12
VG1
VG2
α
β
+
2
21
VG2
VG1
Fig. A4: Crosstalk phenomena.
DALC208SC6
100nF
+5V
Line 1
Line 2
VG1
β21 VG1
+5V
+5V
74HC04
+5V
Square
Pulse
Generator
5KHz
74HC04
Fig. A5: Digital crosstalk measurements.
Fig. A6: Digital crosstalk results.
DALC208SC6
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com