Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV2665RGPR Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV2665RGPR
Description  DRV2665 Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV2665RGPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV2665RGPR Datasheet HTML 17Page - Texas Instruments DRV2665RGPR Datasheet HTML 18Page - Texas Instruments DRV2665RGPR Datasheet HTML 19Page - Texas Instruments DRV2665RGPR Datasheet HTML 20Page - Texas Instruments DRV2665RGPR Datasheet HTML 21Page - Texas Instruments DRV2665RGPR Datasheet HTML 22Page - Texas Instruments DRV2665RGPR Datasheet HTML 23Page - Texas Instruments DRV2665RGPR Datasheet HTML 24Page - Texas Instruments DRV2665RGPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers must validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The typical application for a haptic driver is in a touch-enabled system that already has an application processor
that makes the decision on when to execute haptic effects.
The DRV2665 device is configured and can be used fully with I2C communication to stream or launch haptic
effects. Additionally, the system designer may decide to use the analog input to stream the desired haptic
effects.
VDD
REG
SDA
SCL
IN+
IN-
PUMP
GND
SW
BST
PVDD
FB
OUT+
OUT-
REXT
L1
RPU
RPU
3.3 V to 5.5 V
Piezo
Actuator
C(VDD)
Cbulk
C(REG)
R1
R2
C(BST)
R(EXT)
C(PUMP)
C(IN)
C(IN)
Application
Processor
DAC
SDA
SCL
Optional
Figure 8-1. Typical Application Configuration
Table 8-1. Recommended External Components
COMPONENT
DESCRIPTION
SPECIFICATION
TYPICAL VALUE
C(VDD)
Input capacitor
Capacitance
1 µF
C(REG)
Regulator capacitor
Capacitance
0.1 µF
C(BST)
Boost capacitor
Capacitance
0.1 µF
CBULK
Bulk capacitor
Capacitance
10 µF
C(PUMP)
Internal charge pump capacitor
Capacitance
0.1 µF
C(IN)
AC coupling capacitor (optional)
Capacitance
1 µF
R1
Boost feedback resistor
(see Section 7.5.1)
Resistance
768 kΩ
R2
Boost feedback resistor
(see Section 7.5.1)
Resistance
9.76 kΩ
R2
Current limit resistor
(see Section 7.5.2)
Resistance
13 kΩ
www.ti.com
DRV2665
SLOS740C – MAY 2012 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV2665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com