Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV2665RGPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV2665RGPR
Description  DRV2665 Piezo Haptic Driver with Integrated Boost Converter and Digital Front End
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV2665RGPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV2665RGPR Datasheet HTML 9Page - Texas Instruments DRV2665RGPR Datasheet HTML 10Page - Texas Instruments DRV2665RGPR Datasheet HTML 11Page - Texas Instruments DRV2665RGPR Datasheet HTML 12Page - Texas Instruments DRV2665RGPR Datasheet HTML 13Page - Texas Instruments DRV2665RGPR Datasheet HTML 14Page - Texas Instruments DRV2665RGPR Datasheet HTML 15Page - Texas Instruments DRV2665RGPR Datasheet HTML 16Page - Texas Instruments DRV2665RGPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
VDD
V(BOT)
REG
Time
Case 1
Case 2
Return to
default
state
Unknown
state
0 V
Return to
default
state
Unknown
state
Case 3
Case 4
Slew rate < 3.6 kV/s
Slew rate > 3.6 kV/s
Slew rate < 3.6 kV/s
Slew rate > 3.6 kV/s
1.75 V
VDD
Figure 7-2. Brownout Behavior
7.4 Device Functional Modes
7.4.1 FIFO Mode
The DRV2665 device includes a 100-byte FIFO for real-time haptic waveform playback. The FIFO mode accepts
8-bit digital haptic waveform data over an I2C compatible bus and writes it into an on-chip FIFO. The data is read
out of the FIFO automatically at an 8-kHz sampling rate and fed into a digital-to-analog converter (DAC). The
DAC then drives the high-voltage amplifier. This mode is utilized when the user writes directly to the I2C FIFO
entry address (0x0B). When the first data byte is written to the FIFO, the device goes through the proper start-up
sequence and begins outputting the waveform automatically. An internal timing sequence waits approximately
2 ms before the first data is sent through the DAC and output by the device. It is important that the data
values start and end at or near the mid-scale code (0x00) to avoid large steps at the beginning and end of the
waveform. When the FIFO is empty, the device waits for the timeout period , and then enters into an idle state.
Because the speed of the serial interface could be faster than the read-out rate of the FIFO, the device does
not acknowledge, or NAK, if the FIFO is full during a FIFO write transaction. If at any time the FIFO becomes
completely full, the FIFO_FULL bit is set. When in this condition, the FIFO cannot accept more data without
overwriting previous data that has not yet been played. If this occurs, the user must wait until data has had a
chance to empty from the FIFO before sending more data. The data must be re-sent starting at the byte that
received a NAK.
Any multi-byte I2C write to the FIFO register is treated as a continuous write to the FIFO. Multi-byte writes are
preferred for optimum performance. The FIFO interprets the incoming data as twos complement. This means the
maximum full-scale code is 0x7F, the maximum negative voltage is 0x80, and the mid-scale is 0x00.
7.4.2 Analog Playback Mode
In analog playback mode the signal in the IN+/IN– inputs is amplified and played through the high-voltage
amplifier. When the INPUT_MUX bit is set, the DRV2665 device switches the analog inputs (IN+/IN–) to the
high-voltage amplifier. While in the analog mode, the gain is still register-selectable. Also, the high-voltage
amplifier enable is controlled directly through the EN_OVERRIDE bit, so the EN_OVERRIDE bit must be set for
the boost and amplifier to be active.
7.4.3 Low Voltage Operation Mode
The lowest gain setting is optimized for 50 VPP with a boost voltage of 30 V. Some applications may not need
50 VPP, so the user may elect to program the boost converter as low as 15 V to improve efficiency. When using
boost voltages lower than 30 V, consider the following: First, to reduce boost ripple to an acceptable level, a
50-V rater, 0.22-µF boost capacitor is recommended. Second, the maximum code range of the digital interface
is limited. For example, the user may elect to program the boost voltage to 25 V, and plan for a maximum drive
signal of 40 VPP at the actuator. Any digital code given to the FIFO that is greater than 20 VP / 25 VP x 127
= ±102 may induce clipping, so the user must only send digital codes between –102 and 102. Use of codes
outside this range, for this example, may clip or drive the actuator beyond its rating.
www.ti.com
DRV2665
SLOS740C – MAY 2012 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV2665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com