Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA128P Datasheet(PDF) 15 Page - Texas Instruments

Part # INA128P
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128P Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA128P Datasheet HTML 11Page - Texas Instruments INA128P Datasheet HTML 12Page - Texas Instruments INA128P Datasheet HTML 13Page - Texas Instruments INA128P Datasheet HTML 14Page - Texas Instruments INA128P Datasheet HTML 15Page - Texas Instruments INA128P Datasheet HTML 16Page - Texas Instruments INA128P Datasheet HTML 17Page - Texas Instruments INA128P Datasheet HTML 18Page - Texas Instruments INA128P Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
9.2 Typical Application
Figure 9-1 shows the basic connections required for operation of the INA12x. Applications with noisy or high
impedance power supplies may require decoupling capacitors close to the device pins as shown. The output is
referred to the output reference (REF) pin, which is normally grounded. This connection must be low-impedance
to provide good common-mode rejection. A resistance of 8 Ω in series with the REF pin causes a typical device
to degrade to approximately 80 dB CMR (G = 1).
Also drawn in simplified form:
INA128
Ref
G = 1 +
50 k
R
G
G = 1 +
49.4 k
R
G
INA128:
INA129:
DESIRED
R
NEAREST
R
NEAREST
G
G
GAIN (V/V)
( )
1% RG ( )
( )
1% RG ( )
1
NC
NC
NC
NC
2
50.00k
49.9k
49.4k
49.9k
5
12.50k
12.4k
12.35k
12.4k
10
5.556k
5.62k
5489
5.49k
20
2.632k
2.61k
2600
2.61k
50
1.02k
1.02k
1008
1k
100
505.1
511
499
499
200
251.3
249
248
249
500
100.2
100
99
100
1000
50.05
49.9
49.5
49.9
2000
25.01
24.9
24.7
24.9
5000
10.00
10
9.88
9.76
10000
5.001
4.99
4.94
4.87
INA128
INA129
NC: No Connection
A
1
A2
A3
6
7
4
3
8
1
2
RG
V+
INA128, INA129
5
Overvoltage
Protection
Protection
Load
Ref
(1) INA129: 24.7 k .
0.1 µF
0.1µF
V
25 k
(1)
25 k
(1)
40 k
40 k
40 k
40 k
Overvoltage
VO = G • (VIN+ – VIN–
+
VO
VO
VIN–
VIN+
VIN–
VIN+
VREF
) + VREF
RG
Figure 9-1. Basic Connections
9.2.1 Design Requirements
The devices are configured to monitor the input differential voltage when the input signal gain is set by the
external resistor, RG. The output signal is developed with respect to the voltage on the reference pin, REF.
The most common application is where the output is referenced to ground when no input signal is present by
connecting the REF pin to ground, as Figure 9-1 shows. In single-supply operation, offsetting the output signal
to a precise midsupply level is useful (for example, 2.5 V in a 5-V supply environment). To accomplish this level
shift, a voltage source must be connected to the REF pin to level shift the output so that the device can drive a
single-supply ADC.
Voltage reference devices are an excellent option for providing a low-impedance voltage source for the reference
pin. However, if a resistor voltage divider is used to generate a reference voltage, the voltage must be buffered
by an op amp to avoid CMRR degradation.
www.ti.com
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com