Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA128P Datasheet(PDF) 4 Page - Texas Instruments

Part # INA128P
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128P Datasheet(HTML) 4 Page - Texas Instruments

  INA128P Datasheet HTML 1Page - Texas Instruments INA128P Datasheet HTML 2Page - Texas Instruments INA128P Datasheet HTML 3Page - Texas Instruments INA128P Datasheet HTML 4Page - Texas Instruments INA128P Datasheet HTML 5Page - Texas Instruments INA128P Datasheet HTML 6Page - Texas Instruments INA128P Datasheet HTML 7Page - Texas Instruments INA128P Datasheet HTML 8Page - Texas Instruments INA128P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
5 Device Comparison Table
DEVICE
DESCRIPTION
GAIN EQUATION
RG PINS AT PIN
INA818
35-µV offset, 0.4-µV/°C VOS drift, 8-nV/√Hz noise, low-power,
precision instrumentation amplifier
G = 1 + 50 kΩ / RG
1, 8
INA821
35-µV offset, 0.4-µV/°C VOS drift, 7-nV/√Hz noise, high-bandwidth,
precision instrumentation amplifier
G = 1 + 49.4 kΩ / RG
2, 3
INA828
50-µV offset, 0.5-µV/°C VOS drift, 7-nV/√Hz noise, low-power,
precision instrumentation amplifier
G = 1 + 50 kΩ / RG
1, 8
INA333
25-µV VOS, 0.1-µV/°C VOS drift, 1.8-V to 5-V, RRO, 50-µA IQ,
chopper-stabilized INA
G = 1 + 100 kΩ / RG
1, 8
PGA280
20-mV to ±10-V programmable gain IA with 3-V or 5-V differential
output; analog supply up to ±18 V
Digital programmable
N/A
INA159
G = 0.2 V differential amplifier for ±10-V to 3-V and 5-V
conversion
G = 0.2 V/V
N/A
PGA112
Precision programmable gain op amp with SPI
Digital programmable
N/A
6 Pin Configuration and Functions
R
V
G
−
IN
V+
IN
V
R
−
G
V+
V
O
Ref
1
2
3
4
8
7
6
5
Figure 6-1. D (8-Pin SOIC) and P (8-Pin PDIP) Packages, Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
REF
5
Input
Reference input. This pin must be driven by low impedance or connected to ground.
RG
1,8
—
Gain setting pin. For gains greater than 1, place a gain resistor between pin 1 and pin 8.
V–
4
Power
Negative supply
V+
7
Power
Positive supply
VIN–
2
Input
Negative input
VIN+
3
Input
Positive input
VO
6
Output
Output
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com