Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA128P Datasheet(PDF) 25 Page - Texas Instruments

Part # INA128P
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128P Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA128P Datasheet HTML 21Page - Texas Instruments INA128P Datasheet HTML 22Page - Texas Instruments INA128P Datasheet HTML 23Page - Texas Instruments INA128P Datasheet HTML 24Page - Texas Instruments INA128P Datasheet HTML 25Page - Texas Instruments INA128P Datasheet HTML 26Page - Texas Instruments INA128P Datasheet HTML 27Page - Texas Instruments INA128P Datasheet HTML 28Page - Texas Instruments INA128P Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Jun-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA128UAG4
Active
Production
SOIC (D) | 8
75 | TUBE
-
Call TI
Call TI
-40 to 125
INA129P
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI
N/A for Pkg Type
-
INA129P
INA129P.A
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI
N/A for Pkg Type
-40 to 125
INA129P
INA129PA
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI
N/A for Pkg Type
-
INA129P
A
INA129PA.A
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI
N/A for Pkg Type
-40 to 125
INA129P
A
INA129U
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-
INA
129U
S
INA129U.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 125
INA
129U
S
INA129U/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-
INA
129U
S
INA129U/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 125
INA
129U
S
INA129U/2K5G4
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-40 to 125
INA
129U
S
INA129U/2K5G4.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 125
INA
129U
S
INA129UA
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
INA
129U
A
INA129UA.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
INA
129U
A
INA129UA/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
INA
129U
A
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com