Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA206 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA206
Description  INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA206 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA206 Datasheet HTML 17Page - Texas Instruments INA206 Datasheet HTML 18Page - Texas Instruments INA206 Datasheet HTML 19Page - Texas Instruments INA206 Datasheet HTML 20Page - Texas Instruments INA206 Datasheet HTML 21Page - Texas Instruments INA206 Datasheet HTML 22Page - Texas Instruments INA206 Datasheet HTML 23Page - Texas Instruments INA206 Datasheet HTML 24Page - Texas Instruments INA206 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
NOTE: (1) INA206 V
Tested Limit = 0.4V.
OUT
INA207 V
Tested Limit = 1V.
OUT
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
V
(mV)
SENSE
24
Ideal
INA208 V
Tested Limit
OUT
(1)
V
Tested Limit at
0mV, 0
OUT
V
=
V
V .
SENSE
CM1
S
£
£
V
,
, and
illustrate the variance
from part to part of the
that can cause
maximum
with
CM2 V
V
V
V
V
< 20mV.
CM3
CM4
CM
OUT
SENSE
V
CM2
V
CM1
V
CM3
V
CM4
6
8
10
12
14
16
18
20
22
4
INA206, INA207, INA208
www.ti.com
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
Device Functional Modes (continued)
Figure 39. Example for Low VSENSE Case 2 (INA208, Gain = 100)
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: INA206 INA207 INA208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com