Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA206 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA206
Description  INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA206 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA206 Datasheet HTML 8Page - Texas Instruments INA206 Datasheet HTML 9Page - Texas Instruments INA206 Datasheet HTML 10Page - Texas Instruments INA206 Datasheet HTML 11Page - Texas Instruments INA206 Datasheet HTML 12Page - Texas Instruments INA206 Datasheet HTML 13Page - Texas Instruments INA206 Datasheet HTML 14Page - Texas Instruments INA206 Datasheet HTML 15Page - Texas Instruments INA206 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
600
500
400
300
200
100
0
0
1
I
(mA)
SINK
6
2
3
4
5
Time (10 s/div)
m
G = 100
V
= 20mV to 110mV
SENSE
Time (5 s/div)
m
G = 50
V
= 20mV to 110mV
SENSE
Time (5 s/div)
µ
G = 50
V
SENSE = 90mV to 100mV
Time (2 s/div)
µ
G = 20
V
SENSE = 90mV to 100mV
Time (5 s/div)
m
G = 50
V
= 20mV to 30mV
SENSE
INA206, INA207, INA208
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
All specifications at TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 15. Step Response
Figure 14. Step Response
Figure 16. Step Response
Figure 17. Step Response
Figure 19. Comparator VOL vs ISINK
Figure 18. Step Response
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA206 INA207 INA208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com