Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM340
Description  LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM340 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM340 Datasheet HTML 7Page - Texas Instruments LM340 Datasheet HTML 8Page - Texas Instruments LM340 Datasheet HTML 9Page - Texas Instruments LM340 Datasheet HTML 10Page - Texas Instruments LM340 Datasheet HTML 11Page - Texas Instruments LM340 Datasheet HTML 12Page - Texas Instruments LM340 Datasheet HTML 13Page - Texas Instruments LM340 Datasheet HTML 14Page - Texas Instruments LM340 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
LM340, LM340A, LM7805, LM7812, LM7815
www.ti.com
SNOSBT0L – FEBRUARY 2000 – REVISED SEPTEMBER 2016
Product Folder Links: LM340 LM340A LM7805 LM7812 LM7815
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
IOUT = 1 A, TA = 25°C
Figure 13. Line Regulation LM340
VIN = 10 V, TA = 25°C
Figure 14. Line Regulation LM340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com