Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM340
Description  LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM340 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM340 Datasheet HTML 9Page - Texas Instruments LM340 Datasheet HTML 10Page - Texas Instruments LM340 Datasheet HTML 11Page - Texas Instruments LM340 Datasheet HTML 12Page - Texas Instruments LM340 Datasheet HTML 13Page - Texas Instruments LM340 Datasheet HTML 14Page - Texas Instruments LM340 Datasheet HTML 15Page - Texas Instruments LM340 Datasheet HTML 16Page - Texas Instruments LM340 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
LM340, LM340A, LM7805, LM7812, LM7815
www.ti.com
SNOSBT0L – FEBRUARY 2000 – REVISED SEPTEMBER 2016
Product Folder Links: LM340 LM340A LM7805 LM7812 LM7815
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM340x and LM7805 series is designed with thermal protection, output short-circuit protection, and output
transistor safe area protection. However, as with any IC regulator, it becomes necessary to take precautions to
assure that the regulator is not inadvertently damaged. The following describes possible misapplications and
methods to prevent damage to the regulator.
8.1.1 Shorting the Regulator Input
When using large capacitors at the output of these regulators, a protection diode connected input to output
(Figure 15) may be required if the input is shorted to ground. Without the protection diode, an input short causes
the input to rapidly approach ground potential, while the output remains near the initial VOUT because of the
stored charge in the large output capacitor. The capacitor will then discharge through a large internal input to
output diode and parasitic transistors. If the energy released by the capacitor is large enough, this diode, low
current metal, and the regulator are destroyed. The fast diode in Figure 15 shunts most of the capacitors
discharge current around the regulator. Generally no protection diode is required for values of output capacitance
≤ 10 μF.
8.1.2 Raising the Output Voltage Above the Input Voltage
Because the output of the device does not sink current, forcing the output high can cause damage to internal low
current paths in a manner similar to that just described in Shorting the Regulator Input.
8.1.3 Regulator Floating Ground
When the ground pin alone becomes disconnected, the output approaches the unregulated input, causing
possible damage to other circuits connected to VOUT. If ground is reconnected with power ON, damage may also
occur to the regulator. This fault is most likely to occur when plugging in regulators or modules with on card
regulators into powered up sockets. The power must be turned off first, the thermal limit ceases operating, or the
ground must be connected first if power must be left on. See Figure 16.
8.1.4 Transient Voltages
If transients exceed the maximum rated input voltage of the device, or reach more than 0.8 V below ground and
have sufficient energy, they will damage the regulator. The solution is to use a large input capacitor, a series
input breakdown diode, a choke, a transient suppressor or a combination of these.
Figure 15. Input Short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com