Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM340
Description  LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM340 Datasheet(HTML) 1 Page - Texas Instruments

  LM340 Datasheet HTML 1Page - Texas Instruments LM340 Datasheet HTML 2Page - Texas Instruments LM340 Datasheet HTML 3Page - Texas Instruments LM340 Datasheet HTML 4Page - Texas Instruments LM340 Datasheet HTML 5Page - Texas Instruments LM340 Datasheet HTML 6Page - Texas Instruments LM340 Datasheet HTML 7Page - Texas Instruments LM340 Datasheet HTML 8Page - Texas Instruments LM340 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Pin 1. Input
2. Ground
3. Output
Tab/Case is Ground or Output
1
3
3
1
TO-3
SOT-223
TO-220
TO-263
2
1
2
2 3
1
2
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM340, LM340A, LM7805, LM7812, LM7815
SNOSBT0L – FEBRUARY 2000 – REVISED SEPTEMBER 2016
LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
1
1 Features
1
•
Output Current up to 1.5 A
•
Available in Fixed 5-V, 12-V, and 15-V Options
•
Output Voltage Tolerances of ±2% at TJ = 25°C
(LM340A)
•
Line Regulation of 0.01% / V of at 1-A Load
(LM340A)
•
Load Regulation of 0.3% / A (LM340A)
•
Internal Thermal Overload, Short-Circuit and SOA
Protection
•
Available in Space-Saving SOT-223 Package
•
Output Capacitance Not Required for Stability
2 Applications
•
Industrial Power Supplies
•
SMPS Post Regulation
•
HVAC Systems
•
AC Inventors
•
Test and Measurement Equipment
•
Brushed and Brushless DC Motor Drivers
•
Solar Energy String Invertors
SPACE
Available Packages
3 Description
The LM340 and LM7805 Family monolithic 3-terminal
positive voltage regulators employ internal current-
limiting,
thermal
shutdown
and
safe-area
compensation, making them essentially indestructible.
If adequate heat sinking is provided, they can deliver
over 1.5-A output current. They are intended as fixed
voltage regulators in a wide range of applications
including local (on-card) regulation for elimination of
noise and distribution problems associated with
single-point regulation. In addition to use as fixed
voltage regulators, these devices can be used with
external components to obtain adjustable output
voltages and currents.
Considerable effort was expended to make the entire
series of regulators easy to use and minimize the
number of external components. It is not necessary to
bypass the output, although this does improve
transient response. Input bypassing is needed only if
the regulator is located far from the filter capacitor of
the power supply.
LM7805 is also available in a higher accuracy and
better
performance
version
(LM340A).
Refer
to
LM340A specifications in the LM340A Electrical
Characterisitcs table.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM340x
LM7805 Family
DDPAK/TO-263 (3)
10.18 mm × 8.41 mm
SOT-223 (4)
6.50 mm × 3.50 mm
TO-220 (3)
14.986 mm × 10.16 mm
TO-3 (2)
38.94 mm x 25.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Fixed Output Voltage Regulator
*Required if the regulator is located far from
the power supply filter.
**Although no output capacitor is needed
for stability, it does help transient response.
(If needed, use 0.1-μF, ceramic disc).


Similar Part No. - LM340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
More results

Similar Description - LM340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
logo
Linear Dimensions Semic...
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
1.5 A / 3 A Low Dropout Voltage Regulators
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
1.5 A, very low drop voltage regulators
27-Oct-2010
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
Wide VIN Voltage Detector
LM340 TI1-LM340_16 Datasheet
3Mb / 33P
1.5-A Fixed Voltage Regulators
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
Wide VIN 1.5-A Fixed Voltage Regulator
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
Wide VIN Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com