Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9507DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9507DP
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9507DP Datasheet HTML 2Page - NXP Semiconductors PCA9507DP Datasheet HTML 3Page - NXP Semiconductors PCA9507DP Datasheet HTML 4Page - NXP Semiconductors PCA9507DP Datasheet HTML 5Page - NXP Semiconductors PCA9507DP Datasheet HTML 6Page - NXP Semiconductors PCA9507DP Datasheet HTML 7Page - NXP Semiconductors PCA9507DP Datasheet HTML 8Page - NXP Semiconductors PCA9507DP Datasheet HTML 9Page - NXP Semiconductors PCA9507DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PCA9507_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
6 of 20
NXP Semiconductors
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
6.3.2 Port B (SDAB and SCLB)
SDAB and SCLB are standard I2C-bus with static level offset that has no rise time
accelerator. The static level offset produces an output LOW of 0.5 V (typical) at 6 mA. As
with the standard I2C-bus system, pull-up resistors are required to provide the logic HIGH
levels. The size of these pull-up resistors depends on the system requirement, and should
meet the current sinking capability of the device that drives the buffer, as well as that of
the buffer. The minimum and maximum pull-up resistors are determined and the pull-up
resistor’s value is chosen to be within the minimum and maximum range.
Using Equation 1, calculate the minimum pull-up resistor value:
(1)
Where:
RPU(min) is the minimum pull-up resistor value for the open-drain SCLB and SDAB.
VCC(B)(max) is the maximum supply rail of the pull-up resistor.
0.4 V is the maximum VOL of the device that drives the buffer on logic LOW.
IOL(max) at VOL = 0.4 V is the maximum sink current of the device that drives the buffer
on logic LOW.
The maximum pull-up resistor should also be sized such that the RC time constant meets
the standard I2C-bus rise time, which is 1
µs for Standard-mode (100 kHz) or 300 ns for
Fast-mode (400 kHz). DDC bus complies with the I2C-bus Standard-mode and operates
below 100 kHz, and maximum rise time is 1
µs using a simplified RC equation.
Using Equation 2, calculate the maximum pull-up resistor value:
(2)
Where:
RPU(max) is the maximum allowable pull-up resistor on the SCLB and SDAB in order to
meet the I2C-bus rise time specification.
CL(max) is the maximum allowable capacitance load (include the capacitance of driver,
the line, and the buffer) in order to meet the rise time specification.
tr is the rise time specified as 1 µs (for bus speed 100 kHz or lower) and 300 ns (for bus
speed 400 kHz or lower).
The chosen pull-up resistor RPU is: RPU(min) ≤ RPU ≤ RPU(max).
R
PU min
()
V
CC B
() max
()
0.4 V
–
I
OL max
()
-------------------------------------------------
=
R
PU max
()
C
L max
()
×
1.2
t
r
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com