Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9507DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9507DP
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9507DP Datasheet HTML 6Page - NXP Semiconductors PCA9507DP Datasheet HTML 7Page - NXP Semiconductors PCA9507DP Datasheet HTML 8Page - NXP Semiconductors PCA9507DP Datasheet HTML 9Page - NXP Semiconductors PCA9507DP Datasheet HTML 10Page - NXP Semiconductors PCA9507DP Datasheet HTML 11Page - NXP Semiconductors PCA9507DP Datasheet HTML 12Page - NXP Semiconductors PCA9507DP Datasheet HTML 13Page - NXP Semiconductors PCA9507DP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PCA9507_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2008
10 of 20
NXP Semiconductors
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
8.
Limiting values
Fig 11. Bus A (2.7 V to 5.5 V bus) waveform
Fig 12. Bus B (2.7 V to 5.5 V) waveform
002aad431
9th clock pulse
acknowledge
SCLA
SDAA
002aad408
9th clock pulse
acknowledge
SCLB
SDAB
VOL of slave
VOL of PCA9507
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(B)
supply voltage port B
2.7 V to 5.5 V
−0.5
+7
V
VCC(A)
supply voltage port A
adjustable
−0.5
+7
V
VI/O
voltage on an input/output pin
port B; enable pin (EN)
−0.5
+7
V
II/O
input/output current
port A; port B
-
50
mA
II
input current
EN, VCC(A),VCC(B), GND
-
50
mA
Ptot
total power dissipation
-
100
mW
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
operating in free air
−40
+85
°C
Tj
junction temperature
-
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com