Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9507DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9507DP
Description  2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9507DP Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9507DP Datasheet HTML 1Page - NXP Semiconductors PCA9507DP Datasheet HTML 2Page - NXP Semiconductors PCA9507DP Datasheet HTML 3Page - NXP Semiconductors PCA9507DP Datasheet HTML 4Page - NXP Semiconductors PCA9507DP Datasheet HTML 5Page - NXP Semiconductors PCA9507DP Datasheet HTML 6Page - NXP Semiconductors PCA9507DP Datasheet HTML 7Page - NXP Semiconductors PCA9507DP Datasheet HTML 8Page - NXP Semiconductors PCA9507DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The PCA9507 is a 2-wire serial bus extender providing 3.3 V to 5 V level shift that allows
up to 18 meters bus extension for reliable DDC, I2C-bus or SMBus applications. While
retaining all the operating modes and features of the I2C-bus system during the level
shifts, it also permits extension of the I2C-bus by providing bidirectional buffering for both
the data (SDA) and the clock (SCL) line as well as the rise time accelerator on port A
enabling the bus to drive a load up to 1400 pF or distance of 18 m on port A, and 400 pF
on port B. Using the PCA9507 enables the system designer to isolate bus capacitance to
meet HDMI DDC version 1.3 distance specification. The SDA and SCL pins are
overvoltage tolerant and are high-impedance when the PCA9507 is unpowered.
The port B drivers with static level offset behave much like the drivers on the PCA9515
device, while the port A drivers integrate the rise time accelerator, sink more current and
eliminate the static offset voltage. This results in a LOW on port B translating into a nearly
0 V LOW on port A. The static level offset design of the port B I/O drivers prevent them
from being connected to another device that has rise time accelerator including the
PCA9510, PCA9511, PCA9512, PCA9513, PCA9514, PCA9515, PCA9516A, PCA9517
(B-side), or PCA9518. The port A sides of two or more PCA9507s can be connected
together, however, to allow a star topography with port A on the common bus, and port A
can be connected directly to any other buffer with static or dynamic offset voltage. Multiple
PCA9507s can be connected in series, port A to port B, with no build-up in offset voltage
with only time of flight delays to consider. Rise time accelerator on port A is turned on
when input threshold is above 0.3VCC(A).
The PCA9507 drivers are not enabled unless VCC(A) and VCC(B) are above 2.7 V. The EN
pin can also be used to turn the drivers on and off under system control. Caution should
be observed to only change the state of the enable pin when the bus is idle. The output
pull-down on the port B internal buffer LOW is set for approximately 0.5 V, while the input
threshold of the internal buffer is set about 70 mV lower (0.43 V). When the port B I/O is
driven LOW internally, the LOW is not recognized as a LOW by the input. This prevents a
lock-up condition from occurring.
2.
Features
I 2 channel, bidirectional buffer isolates capacitance allowing 1400 pF on port A and
400 pF on port B
I Exceeds 18 meters (above the maximum distance for HDMI DDC)
I Rise time accelerator and normal I/O on port A
I Static level offset on port B
I Voltage level translation from 2.7 V to 5.5 V
I Upgrade replacement over PCA9517 for cable application
PCA9507
2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Rev. 01 — 7 February 2008
Product data sheet


Similar Part No. - PCA9507DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9507 NXP-PCA9507 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9507DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
I2C bus extender
1998 Jan 09
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
logo
Rohm
BU9883FV-W ROHM-BU9883FV-W Datasheet
630Kb / 19P
I2C BUS 3Ports for HDMI Port Serial EEPROM
logo
NXP Semiconductors
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
logo
Texas Instruments
P82B715 TI-P82B715 Datasheet
642Kb / 17P
I2C BUS EXTENDER
logo
NXP Semiconductors
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
I2C-bus extender
Rev. 08-9 November 2009
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
I2C Bus Extender
logo
Maxim Integrated Produc...
MAX3816A MAXIM-MAX3816A Datasheet
349Kb / 18P
I2C 2-Wire Extender for DDC in DVI, HDMI, and VGA Interfaces
19-4109; Rev 0; 7/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com