Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMVF5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DMVF5
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMVF5 Datasheet(HTML) 2 Page - STMicroelectronics

  DMVF5 Datasheet HTML 1Page - STMicroelectronics DMVF5 Datasheet HTML 2Page - STMicroelectronics DMVF5 Datasheet HTML 3Page - STMicroelectronics DMVF5 Datasheet HTML 4Page - STMicroelectronics DMVF5 Datasheet HTML 5Page - STMicroelectronics DMVF5 Datasheet HTML 6Page - STMicroelectronics DMVF5 Datasheet HTML 7Page - STMicroelectronics DMVF5 Datasheet HTML 8Page - STMicroelectronics DMVF5 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Symbol
Parameter
Value
Unit
DMV16 DMV32 DMV56
Rth(j-c)
Damper junction to case
5.3
4.8
3.6
°C/W
Rth(j-c)
Modulation junction to case
6.5
5.3
5.3
Rth(c)
Coupling
0.2
0.2
0.2
Rth(j-c)
Total as per full IF(AV) maximum ratings
6.0
5.1
4.5
THERMAL RESISTANCES
Symbol
Parameter
Test conditions
Value
Unit
Tj = 25°C
Tj = 125°C
Typ. Max. Typ. Max.
VF *
Forward voltage drop
IF = 5 A
DMV16
1.6
1.0
1.5
V
IF = 6 A
DMV32
1.5
1.1
1.35
IF = 6 A
DMV56
1.8
1.1
1.5
IR **
Reverse leakage current
VR = VRRM
DMV16
60
100
500
µA
DMV32
100
100
1000
DMV56
100
100
1000
Pulse test :
* tp = 380
µs, δ < 2%
** tp = 5 ms,
δ < 2%
To evaluate the maximum conduction losses of the DAMPER diode use the following equations :
DMV16: P = 1.14 x IF(AV) + 0.072 x IF
2
(RMS)
DMV32: P = 1.069 x IF(AV) + 0.047 x IF
2
(RMS)
DMV56: P = 1.15 x IF(AV) + 0.059 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS OF THE DAMPER DIODES
Symbol
Parameter
Test conditions
Value
Unit
Tj = 25°C
Tj = 125°C
Typ.
Max.
Typ.
Max.
VF *
Forward voltage drop
IF = 3A
DMV16
1.4
1
1.3
V
IF = 5A
DMV32
1.75
1.2
1.5
IF = 5A
DMV56
1.75
1.2
1.5
IR **
Reverse leakage current
VR = 480V
DMV16
20
150
500
µA
DMV32
100
600
2000
DMV56
100
600
2000
Pulse test :
* tp = 380
µs, δ < 2%
** tp = 5 ms,
δ < 2%
To evaluate the maximum conduction losses of the MODULATION diode use the following equations :
DMV16: P = 1.06 x IF(AV) + 0.08x IF
2
(RMS)
DMV32: P = 1.15 x IF(AV) + 0.07 x IF
2
(RMS)
DMV56: P = 1.15 x IF(AV) + 0.07 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS OF THE MODULATION DIODE
®
DMV series
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com