Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMVF5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # DMVF5
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMVF5 Datasheet(HTML) 6 Page - STMicroelectronics

  DMVF5 Datasheet HTML 1Page - STMicroelectronics DMVF5 Datasheet HTML 2Page - STMicroelectronics DMVF5 Datasheet HTML 3Page - STMicroelectronics DMVF5 Datasheet HTML 4Page - STMicroelectronics DMVF5 Datasheet HTML 5Page - STMicroelectronics DMVF5 Datasheet HTML 6Page - STMicroelectronics DMVF5 Datasheet HTML 7Page - STMicroelectronics DMVF5 Datasheet HTML 8Page - STMicroelectronics DMVF5 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
IM(A)
Tc=100°C
DMV16
DMV32/DMV56
IM
t
δ=0.5
t(s)
Fig. 5-2: Non repetitive surge peak forward current
versus overload duration (modulation diode).
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
45
IM(A)
Tc=100°C
DMV56
DMV32
DMV16
t(s)
IM
t
δ=0.5
Fig. 5-1: Non repetitive surge peak forward current
versus overload duration (damper diode).
0.1
0.2
0.5
1.0
2.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Qrr(µC)
IF=IF(av)
90% confidence
Tj=125°C
DMV56
DMV32
DMV16
dIF/dt(A/µs)
Fig. 6-1: Reverse recovery charges versus dIF/dt
(damper diode).
0.1
1.0
10.0
50.0
0
50
100
150
200
250
300
350
400
450
500
Qrr(nC)
IF=IF(av)
90% confidence
Tj=125°C
DMV32/DMV56
DMV16
dIF/dt(A/µs)
Fig. 6-2: Reverse recovery charges versus dIF/dt
(modulation diode).
0.1
0.2
0.5
1.0
2.0
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IRM(A)
IF=IF(av)
90% confidence
Tj=125°C
DMV16
DMV32
DMV56
dIF/dt(A/µs)
Fig. 7-1: Reverse recovery current versus dIF/dt
(damper diode).
0.1
1.0
10.0
100.0
0
1
2
3
4
5
6
7
8
9
10
IRM(A)
IF=IF(av)
90% confidence
Tj=125°C
DMV32/DMV56
DMV16
dIF/dt(A/µs)
Fig. 7-2: Reverse recovery current versus dIF/dt
(modulation diode).
®
DMV series
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com