Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMVF5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DMVF5
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMVF5 Datasheet(HTML) 3 Page - STMicroelectronics

  DMVF5 Datasheet HTML 1Page - STMicroelectronics DMVF5 Datasheet HTML 2Page - STMicroelectronics DMVF5 Datasheet HTML 3Page - STMicroelectronics DMVF5 Datasheet HTML 4Page - STMicroelectronics DMVF5 Datasheet HTML 5Page - STMicroelectronics DMVF5 Datasheet HTML 6Page - STMicroelectronics DMVF5 Datasheet HTML 7Page - STMicroelectronics DMVF5 Datasheet HTML 8Page - STMicroelectronics DMVF5 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Symbol
Parameter
Test conditions
Value
Unit
Typ.
Max.
trr
Reverse recovery time
IF = 100mA
IR = 100mA
IRR = 10mA
Tj = 25°C
DMV16
1500
ns
DMV32
850
DMV56
750
trr
Reverse recovery time
IF = 1A
dIF/dt = -50A/
µs
VR = 30V
Tj = 25°C
DMV16
200
300
ns
DMV32
130
175
DMV56
110
135
RECOVERY CHARACTERISTICS OF THE DAMPER DIODE
Symbol
Parameter
Test conditions
Value
Unit
Typ.
Max.
tfr
Forward recovery time
IF = 6A
dIF/dt = 80A/
µs
VFR = 3V
Tj = 100°C
DMV16
350
ns
DMV32
570
DMV56
350
VFP
Peak forward voltage
IF = 6A
dIF/dt = 80A/
µs
Tj = 100°C
DMV16
25
34
V
DMV32
21
28
DMV56
19
26
TURN-ON SWITCHING CHARACTERISTICS OF THE DAMPER DIODE
Symbol
Parameter
Test conditions
Value
Unit
Typ.
Max.
trr
Reverse recovery time
IF = 100mA
IR = 100mA
IRR = 10mA
Tj = 25°C
DMV16
210
650
ns
DMV32
110
350
DMV56
110
350
trr
Reverse recovery time
IF = 1A
dIF/dt = -50A/
µs
VR = 30V
Tj = 25°C
DMV16
95
ns
DMV32
50
DMV56
50
RECOVERY CHARACTERISTICS OF THE MODULATION DIODE
Symbol
Parameter
Test conditions
Value
Unit
Typ.
Max.
tfr
Forward recovery time
IF = 3A
dIF/dt = 80A/
µs
VFR = 3V
Tj = 100°C
DMV16
500
ns
IF = 5A
dIF/dt = 80A/
µs
VFR = 3V
DMV32
300
DMV56
300
VFP
Peak forward voltage
IF = 3A
dIF/dt = 80A/
µs
Tj = 100°C
DMV16
8
V
IF = 5A
dIF/dt = 80A/
µs
DMV32
10
DMV56
10
TURN-ON SWITCHING CHARACTERISTICS OF THE MODULATION DIODE
®
DMV series
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com