Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7385 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7385
Description  4 x 42 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7385 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7385 Datasheet HTML 7Page - STMicroelectronics TDA7385 Datasheet HTML 8Page - STMicroelectronics TDA7385 Datasheet HTML 9Page - STMicroelectronics TDA7385 Datasheet HTML 10Page - STMicroelectronics TDA7385 Datasheet HTML 11Page - STMicroelectronics TDA7385 Datasheet HTML 12Page - STMicroelectronics TDA7385 Datasheet HTML 13Page - STMicroelectronics TDA7385 Datasheet HTML 14Page - STMicroelectronics TDA7385 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TDA7385
Application hints
Doc ID 8160 Rev 6
11/17
3
Application hints
Referred to the circuit of Figure 3.
3.1
Biasing and SVR
As shown by Figure 14, all the TDA7385’s main sections, such as Inputs, Outputs AND AC-
GND (pin 16) are internally biased at half supply voltage level (Vs/2), which is derived from
the Supply Voltage Rejection (SVR) block. In this way no current flows through the internal
feedback network. The AC-GND is common to all the 4 amplifiers and represents the
connection point of all the inverting inputs.
Both individual inputs and AC-GND are connected to Vs/2 (SVR) by means of 100 k
resistors.
To ensure proper operation and high supply voltage rejection, it is of fundamental
importance to provide a good impedance matching between Inputs and AC-GROUND
terminations. This implies that C1, C2, C3, C4, C5 capacitors have to carry the same
nominal value and their tolerance should never exceed ± 10 %.
Besides its contribution to the ripple rejection, the SVR capacitor governs the turn ON/OFF
time sequence and, consequently, plays an essential role in the pop optimization during
ON/OFF transients. To conveniently serve both needs, its minimum recommended value
is 10µF.
Figure 14.
Input/output biasing
3.2
Input stage
The TDA7385’s inputs are ground-compatible and can stand very high input signals
(± 8 Vpk) without any performances degradation.
If the standard value for the input capacitors (0.1 µF) is adopted, the low frequency cut-off
will amount to 16 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com