Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7385 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7385
Description  4 x 42 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7385 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7385 Datasheet HTML 9Page - STMicroelectronics TDA7385 Datasheet HTML 10Page - STMicroelectronics TDA7385 Datasheet HTML 11Page - STMicroelectronics TDA7385 Datasheet HTML 12Page - STMicroelectronics TDA7385 Datasheet HTML 13Page - STMicroelectronics TDA7385 Datasheet HTML 14Page - STMicroelectronics TDA7385 Datasheet HTML 15Page - STMicroelectronics TDA7385 Datasheet HTML 16Page - STMicroelectronics TDA7385 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TDA7385
Application hints
Doc ID 8160 Rev 6
13/17
frequency. In other words, this feature offers the means to counteract the extremely sound-
damaging effects of clipping, caused by a sudden increase of odd order harmonics and
appearance of serious inter-modulation phenomena.
Figure 16.
Clipping detection waveforms
Another possible kind of distortion control could be the setting of a maximum allowable THD
limit (e.g. 0.5%) over the entire audio frequency range. Besides offering no practical
advantages, this procedure cannot be much accurate, as the non-clipping distortion is likely
to vary over frequency.
In case of Overheating, pin 25 will signal out the junction temperature proximity to the
thermal shut-down threshold. This will typically start about 2°C before the thermal shut-
down threshold is reached.
As various kind of diagnostics information is available at pin 25 (clipping, shorts and
overheating), it may be necessary to operate some distinctions on order to treat each event
separately. This could be achieved by taking into account the intrinsically different timing of
the diagnostics output under each circumstance.
In fact, clipping will produce pulses normally much shorter than those present under faulty
conditions. An example of circuit able to distinguish between the two occurrences is shown
by Figure 18.
3.5
Stability and layout considerations
If properly layouted and hooked to standard car-radio speakers, the TDA7385 will be
intrinsically stable with no need of external compensations such as output R-C cells. Due to
the high number of channels involved, this translates into a very remarkable components
saving if compared to similar devices on the market.
To simplify pc-board layout designs, each amplifier stage has its own power ground
externally accessible (pins 2,8,18,24) and one supply voltage pin for each couple of them.
Even more important, this makes it possible to achieve the highest possible degree of
separation among the channels, with remarkable benefits in terms of cross-talk and
distortion features.
About the layout grounding, it is particularly important to connect the AC-GND capacitor (C5)
to the signal GND, as close as possible to the audio inputs ground: this will guarantee high
rejection of any common mode spurious signals.
The SVR capacitor (C6) has also to be connected to the signal GND.
Supply filtering elements (C7, C8) have naturally to be connected to the power-ground and
located as close as possible to the Vs pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com