Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7385 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7385
Description  4 x 42 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7385 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7385 Datasheet HTML 8Page - STMicroelectronics TDA7385 Datasheet HTML 9Page - STMicroelectronics TDA7385 Datasheet HTML 10Page - STMicroelectronics TDA7385 Datasheet HTML 11Page - STMicroelectronics TDA7385 Datasheet HTML 12Page - STMicroelectronics TDA7385 Datasheet HTML 13Page - STMicroelectronics TDA7385 Datasheet HTML 14Page - STMicroelectronics TDA7385 Datasheet HTML 15Page - STMicroelectronics TDA7385 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application hints
TDA7385
12/17
Doc ID 8160 Rev 6
3.3
Standby and muting
Standby and muting facilities are both CMOS-compatible. If unused, a straight connection to
Vs of their respective pins would be admissible. Conventional low-power transistors can be
employed to drive muting and stand-by pins in absence of true CMOS ports or
microprocessors. R-C cells have always to be used in order to smooth down the transitions
for preventing any audible transient noises.
Since a DC current of about 10 µA normally flows out of pin 22, the maximum allowable
muting-series resistance (R2) is 70 k, which is sufficiently high to permit a muting capacitor
reasonably small (about 1µF).
If R2 is higher than recommended, the involved risk will be that the voltage at pin 22 may rise
to above the 1.5 V threshold voltage and the device will consequently fail to turn OFF when
the mute line is brought down.
About the stand-by, the time constant to be assigned in order to obtain a virtually pop-free
transition has to be slower than 2.5V/ms.
3.4
Diagnostics facility
The TDA7385 is equipped with a diagnostics circuitry able to detect the following events:
●
Clipping in the output stage
●
overheating (thermal shut-down proximity)
●
Output misconnections (OUT-GND and OUT-VS shorts)
Diagnostics information is available across an open collector output located at pin 25
(Figure 15) through a current sinking whenever at least one of the above events is
recognized.
Figure 15.
Diagnostics circuit
Among them, the Clipping Detector acts in a way to output a signal as soon as one or
more power transistors start being saturated.
As a result, the clipping-related signal at pin 25 takes the form of pulses, which are perfectly
synchronized with each single clipping event in the music program and reflect the same
duration time (Figure 16). Applications making use of this facility usually operate a
filtering/integration of the pulses train through passive R-C networks and realize a volume
(or tone bass) stepping down in association with microprocessor-driven audioprocessors.
The maximum load that pin 25 can sustain is 1 k
.
Due to its operating principles, the clipping detector has to be viewed mainly as a power-
dependent feature rather than frequency-dependent. This means that clipping state will be
immediately signaled out whenever a fixed power level is reached, regardless of the audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com