Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932T-I/JQ. Datasheet(PDF) 29 Page - Microchip Technology

Part # PAC1932T-I/JQ.
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932T-I/JQ. Datasheet(HTML) 29 Page - Microchip Technology

Back Button PAC1932T-I/JQ. Datasheet HTML 25Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 26Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 27Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 28Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 29Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 30Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 31Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 32Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
 2017-2018 Microchip Technology Inc.
DS20005850C-page 29
PAC1932/3/4
5.6
I2C/SMBus Commands
5.6.1
REFRESH AND REFRESH_V
REFRESH and REFRESH_V commands are sent
using the Send byte command, the Slave Address and
the desired command (00h for REFRESH or 1Fh for
REFRESH_V. See Table 5-3.
5.6.2
GENERAL CALL ADDRESS
RESPONSE
When the master sends the General Call address, the
PAC1932/3/4 will be able to execute the REFRESH
command by means of a second version of the
REFRESH command called REFRESH_G (see
Register 6-12
REFRESH_G Command (Address
1Eh)).
Just as the REFRESH command is sent using a Send
Byte command with the slave address, and the
REFRESH
command
(00h),
the
REFRESH_G
command is sent using Send Byte with the General
Call address (0000 000) and the REFRESH_G
command (1Eh).
Table 5-4
shows the response to the General Call
command for REFRESH_G.
5.6.3
WRITE BYTE
The Write Byte is used to write one byte of data to the
registers, as shown in Table 5-5.
TABLE 5-3:
REFRESH AND REFRESH_V COMMANDS
START
Slave Address
WR
ACK
REFRESH or
REFRESH_V
Command
ACK
STOP
1
 0
YYYY_YYY
0
0
00h or 1Fh
0
0
 1
TABLE 5-4:
GENERAL CALL RESPONSE
START
General Call
Address
WR
ACK
REFRESH_G
Command
ACK
STOP
1
 0
0000_000
0
0
1Eh
0
0
 1
TABLE 5-5:
WRITE BYTE PROTOCOL
START
Slave
Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
STOP
1
 0
YYYY_YYY
0
0
XXh
0
XXh
0
0
 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com