Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932T-I/JQ. Datasheet(PDF) 44 Page - Microchip Technology

Part # PAC1932T-I/JQ.
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932T-I/JQ. Datasheet(HTML) 44 Page - Microchip Technology

Back Button PAC1932T-I/JQ. Datasheet HTML 40Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 41Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 42Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 43Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 44Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 45Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 46Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 47Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
PAC1932/3/4
DS20005850C-page 44
 2017-2018 Microchip Technology Inc.
REGISTER 6-12:
REFRESH_G COMMAND (ADDRESS 1EH)
SEND
SEND
SEND
SEND
SEND
SEND
SEND
SEND
No Data in this command, Send Byte only
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
This command is a SEND Byte, does not contain any data. It is exactly like the REFRESH command
but is intended for use with the General Call command.
When it is sent to the device, the REFRESH command is executed and the readable accumulator data,
readable accumulator count, VBUS, and VSENSE measurements are all refreshed and the internal
accumulators values or accumulator count are reset, exactly like the REFRESH command. The master
can read the updated data 1 ms after the REFRESH_G command is sent, and anytime after than up
until the next REFRESH, REFRESH_G, or REFRESH_V command is sent.
REGISTER 6-13:
REFRESH_V COMMAND (ADDRESS 1FH)
SEND
SEND
SEND
SEND
SEND
SEND
SEND
SEND
No Data in this command, Send Byte only
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
This command is a SEND Byte, does not contain any data. When it is sent to the device, the
REFRESH_V command is executed.
It is similar to the REFRESH command except the accumulators and accumulator count are not reset.
The readable accumulator data, readable accumulator count, VBUS, and VSENSE measurements are all
refreshed without affecting the internal accumulators values or accumulator count. The master can read
the updated data 1 ms after the REFRESH_V command is sent, and anytime after than up until the next
REFRESH, REFRESH_G, or REFRESH_V command is sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com