Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1932T-I/JQ. Datasheet(PDF) 10 Page - Microchip Technology

Part # PAC1932T-I/JQ.
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932T-I/JQ. Datasheet(HTML) 10 Page - Microchip Technology

Back Button PAC1932T-I/JQ. Datasheet HTML 6Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 7Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 8Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 9Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 10Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 11Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 12Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 13Page - Microchip Technology PAC1932T-I/JQ. Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
PAC1932/3/4
DS20005850C-page 10
 2017-2018 Microchip Technology Inc.
Note:
Unless otherwise indicated, maximum values are at TA = -40°C to +85°C, VDD = 2.7V to 5.5V, VBUS = 0V to 32V;
typical values are at TA = +25°C, VDD = 3.3V, VBUS = 3.3V, VSENSE = (SENSE+ – SENSE-) = 0V, VDD I/O = 1.62 to 5.5V.
FIGURE 2-7:
VBUS Error vs. VBUS Input
Voltage.
FIGURE 2-8:
VBUS Error vs. VBUS Input
Voltage (Zoom View).
FIGURE 2-9:
VBUS Error vs. VBUS Input
Voltage.
FIGURE 2-10:
VBUS Error vs. VBUS Input
Voltage vs. Temperature.
FIGURE 2-11:
VBUS Error vs. VBUS Input
Voltage vs. Temperature (Zoom View).
FIGURE 2-12:
VBUS Error vs. VBUS Input
Voltage vs. Temperature (Bipolar Voltage Mode).
1mV
10mV
0.1V
1V
10V
0
5
10
15
20
25
Input Voltage
3.3vDC 25
oC
10mV
100mV
1V
10V
-2%
-1%
0
1%
2%
Input Voltage
3.3vDC 25
oC
0
5
10
15
20
25
30
-0.05%
0
0.05%
-0.1%
Input Voltage
3.3vDC 25
oC
1mV
10mV
0.1V
1V
10V
0
5
10
15
20
25
Input Voltage
3.3vDC -40
oC
3.3vDC 0
oC
3.3vDC 25
oC
3.3vDC 85
oC
3.3vDC 125
oC
10mV
100mV
1V
10V
32V
-2%
-1%
0
1%
2%
Input Voltage
3.3vDC -40
oC
3.3vDC 0
oC
3.3vDC 25
oC
3.3vDC 85
oC
3.3vDC 125
oC
-0.5v
0v
0.5v
1v
0.1%
0
-0.2%
-0.4%
-0.6%
-0.8%
Input Voltage
3.3vDC -40
oC
3.3vDC 0
oC
3.3vDC 25
oC
3.3vDC 85
oC
3.3vDC 125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com