Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578AM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3578AM/NOPB
Description  LM2578A/LM3578A Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3578AM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3578AM/NOPB Datasheet HTML 10Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 11Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 12Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 13Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 14Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 15Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 16Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 17Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
LM2578A, LM3578A
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
BUCK REGULATOR
The buck configuration is used to step an input voltage down to a lower level. Transistor Q1 in Figure 27 chops
the input DC voltage into a squarewave. This squarewave is then converted back into a DC voltage of lower
magnitude by the low pass filter consisting of L1 and C1. The duty cycle, D, of the squarewave relates the output
voltage to the input voltage by the following equation:
Vout = D × Vin = Vin × (ton)/(ton + toff).
Figure 27. Basic Buck Regulator
Figure 28 is a 15V to 5V buck regulator with an output current, Io, of 350 mA. The circuit becomes discontinuous
at 20% of Io(max), has 10 mV of output voltage ripple, an efficiency of 75%, a load regulation of 30 mV (70 mA to
350 mA) and a line regulation of 10 mV (12
≤ Vin ≤ 18V).
Component values are selected as follows:
R1 = (Vo − 1) × R2 where R2 = 10 kΩ
R3 = V/Isw(max)
R3 = 0.15
Ω
where:
V is the current limit sense voltage, 0.11V
Isw(max) is the maximum allowable current thru the output transistor.
L1 is the inductor and may be found from the inductance calculation chart (Figure 29) as follows:
Given Vin = 15V
Vo = 5V
Io(max) = 350 mA
fOSC = 50 kHz
Discontinuous at 20% of Io(max).
Note that since the circuit will become discontinuous at 20% of Io(max), the load current must not be allowed to fall
below 70 mA.
14
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com