Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578AM/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM3578AM/NOPB
Description  LM2578A/LM3578A Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3578AM/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3578AM/NOPB Datasheet HTML 16Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 17Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 18Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 19Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 20Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 21Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 22Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 23Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
LM2578A, LM3578A
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
where:
Vd is the forward voltage drop of the diodes.
Vsat is the saturation voltage of the LM2578A output transistor.
Vsat1 is the saturation voltage of transistor Q1.
L1
≥ (Vin − Vsat − Vsat1) (ton/Ip)
(1)
where:
RS-232 LINE DRIVER POWER SUPPLY
The power supply, shown in Figure 36, operates from an input voltage as low as 4.2V (5V nominal), and delivers
an output of ±12V at ±40 mA with better than 70% efficiency. The circuit provides a load regulation of ±150 mV
(from 10% to 100% of full load) and a line regulation of ±10 mV. Other notable features include a cycle-by-cycle
current limit and an output voltage ripple of less than 40 mVp-p.
A unique feature of this circuit is its use of feedback from both outputs. This dual feedback configuration results
in a sharing of the output voltage regulation by each output so that neither side becomes unbalanced as in single
feedback systems. In addition, since both sides are regulated, it is not necessary to use a linear regulator for
output regulation.
The feedback resistors, R2 and R3, may be selected as follows by assuming a value of 10 k
Ω for R1;
R2 = (Vo − 1V)/45.8 μA = 240 kΩ
R3 = (|Vo| +1V)/54.2 μA = 240 kΩ
Actually, the currents used to program the values for the feedback resistors may vary from 40
μA to 60 μA, as
long as their sum is equal to the 100
μA necessary to establish the 1V threshold across R1. Ideally, these
currents should be equal (50
μA each) for optimal control. However, as was done here, they may be mismatched
in order to use standard resistor values. This results in a slight mismatch of regulation between the two outputs.
The current limit resistor, R4, is selected by dividing the current limit threshold voltage by the maximum peak
current level in the output switch. For our purposes R4 = 110 mV/750 mA = 0.15
Ω. A value of 0.1Ω was used.
20
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com