Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578AM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3578AM/NOPB
Description  LM2578A/LM3578A Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3578AM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3578AM/NOPB Datasheet HTML 1Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 2Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 3Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 4Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 5Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 6Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 7Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 8Page - Texas Instruments LM3578AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM2578A, LM3578A
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
Functional Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Total Supply Voltage
50V
Collector Output to Ground
−0.3V to +50V
Emitter Output to Ground (3)
−1V to +50V
Power Dissipation (4)
Internally limited
Output Current
750 mA
Storage Temperature
−65°C to +150°C
Lead Temperature
(soldering, 10 seconds)
260°C
Maximum Junction Temperature
150°C
ESD Tolerance (5)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For TJ ≥ 100°C, the Emitter pin voltage should not be driven more than 0.6V below ground (see Application Information).
(4)
At elevated temperatures, devices must be derated based on package thermal resistance. The device in the 8-pin DIP must be derated
at 95°C/W, junction to ambient. The device in the SOIC package must be derated at 150°C/W, junction-to-ambient.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
Operating Ratings
Ambient Temperature Range
LM2578A
−40°C ≤ TA ≤+85°C
LM3578A
0°C
≤ TA ≤+70°C
Junction Temperature Range
LM2578A
−40°C ≤ TJ ≤+125°C
LM3578A
0°C
≤ TJ ≤+125°C
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com