Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5166DRCRG4 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5166DRCRG4
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCRG4 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5166DRCRG4 Datasheet HTML 25Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 26Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 27Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 28Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 29Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 30Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 31Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 32Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
Load (mA)
0.01
0.1
1
10
100
500
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
D001
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
OUT
IN
SW
IN
OUT
ESR
I
D 1 D
C
F
V
I
R
˜
˜
t
˜ '
˜
OUT
IN
OUT
ESR
SW
IN
I
D 1 D
V
I
R
F
C
˜
˜
'
˜
˜
29
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.2.1.2.7
Input Capacitor – CIN
An input capacitor is necessary to limit the input ripple voltage while providing switching-frequency AC current to
the buck power stage. To minimize the parasitic inductance in the switching loop, position the input capacitors as
close as possible to the VIN and GND pins of the LM5166. The input capacitors conduct a trapezoidal-wave
current of peak-to-peak amplitude equal to the output current. It follows that the resultant capacitive component
of AC ripple voltage is a triangular waveform. Together with the ESR-related ripple component, the peak-to-peak
input ripple voltage amplitude is given by Equation 26.
(26)
The input capacitance required for a particular load current, based on an input voltage ripple specification of
ΔVIN, is given by Equation 27.
(27)
The recommended high-frequency input capacitance is 2.2 μF or higher and should be a high-quality ceramic
component with sufficient voltage rating. Based on the voltage coefficient of ceramic capacitors, choose a
voltage rating of twice the maximum input voltage. Additionally, some bulk capacitance is required if the LM5166
circuit is not located within approximately 5 cm from the input voltage source. This capacitor provides damping to
the resonance associated with parasitic inductance of the supply lines and high-Q ceramics.
8.2.1.2.8
Soft-Start Capacitor – CSS
Connect an external soft-start capacitor for a specific soft-start time. In this example, select a soft-start
capacitance of 33 nF based on Equation 18 to achieve a soft-start time of 4 ms.
8.2.1.2.9
Application Curves
Unless otherwise stated, application performance curves were taken at TA = 25°C.
LF = 150 µH
COUT = 47 µF
FSW(nom) = 100 kHz
RRT = 309 kΩ
Figure 53. Converter Efficiency
LF = 150 µH
COUT = 47 µF
FSW(nom) = 100 kHz
RRT = 309 kΩ
Figure 54. Converter Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com