Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5166DRCRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5166DRCRG4
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5166DRCRG4 Datasheet HTML 3Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 4Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 5Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 6Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 7Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 8Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 9Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 10Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
D001
Rising
Falling
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
D002
Rising
Falling
Load (mA)
0.01
0.1
1
10
100
300
300
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
7
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.7 Typical Characteristics
Unless otherwise specified, VIN = 12 V, VOUT = 5 V. Please refer to Typical Applications for circuit designs.
See schematic,
Figure 52
LF = 150 µH
COUT = 47 µF
FSW(nom) = 100 kHz
RRT = 309 kΩ
Figure 1. Converter Efficiency: 5 V, 500 mA, COT
See schematic,
Figure 63
LF = 47 µH
COUT = 47 µF
FSW(nom) = 200 kHz
RRT = 100 kΩ
Figure 2. Converter Efficiency: 3.3 V, 500 mA, COT
See schematic,
Figure 70
LF = 4.7 µH
COUT = 47 µF
FSW(nom) = 600 kHz
RRT = 0 Ω
Figure 3. Converter Efficiency: 3.3 V, 300 mA, PFM
See schematic,
Figure 77
LF = 22 µH
COUT = 200 µF
FSW(nom) = 100 kHz
RRT = 0 Ω
Figure 4. Converter Efficiency: 5 V, 500 mA, PFM
Figure 5. Internal VIN UVLO Voltage vs Temperature
Figure 6. Enable Threshold Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com