Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5166DRCRG4 Datasheet(PDF) 30 Page - Texas Instruments

Part # LM5166DRCRG4
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCRG4 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5166DRCRG4 Datasheet HTML 26Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 27Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 28Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 29Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 30Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 31Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 32Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 33Page - Texas Instruments LM5166DRCRG4 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
30
LM5166
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Time Scale: 20 ms/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 50 mV/Div
CH4: IL, 200 mA/Div
Figure 55. No-Load Switching Waveforms, VIN = 24 V
Time Scale: 10 µs/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 50 mV/Div
CH4: IL, 200 mA/Div
Figure 56. Full-Load Switching Waveforms, VIN = 24 V
Time Scale: 2 ms/Div
CH1: VIN, 3 V/Div
CH2: VOUT, 1 V/Div
CH4: IL, 200 mA/Div
Figure 57. Full-Load Start-Up, VIN = 24 V
Time Scale: 100 µs/Div
CH1: VSW, 4 V/Div
CH4: IL, 200 mA/Div
Figure 58. Short Circuit, VIN = 24 V
Time Scale: 2 ms/Div
CH1: VEN, 1 V/Div
CH2: VOUT, 1 V/Div
CH4: IOUT, 200 mA/Div
Figure 59. ENABLE On and Off; VOUT Prebiased to 1.8 V
VIN = 24 V, No Load
Time Scale: 2 ms/Div
CH1: VEN, 5 V/Div
CH2: VOUT, 1 V/Div
CH4: IOUT, 200 mA/Div
Figure 60. ENABLE On and Off; VOUT Prebiased to 1.8 V
VIN = 24 V, 500 mA Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com