Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5175PWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5175PWPR
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPR Datasheet(HTML) 2 Page - Texas Instruments

  LM5175PWPR Datasheet HTML 1Page - Texas Instruments LM5175PWPR Datasheet HTML 2Page - Texas Instruments LM5175PWPR Datasheet HTML 3Page - Texas Instruments LM5175PWPR Datasheet HTML 4Page - Texas Instruments LM5175PWPR Datasheet HTML 5Page - Texas Instruments LM5175PWPR Datasheet HTML 6Page - Texas Instruments LM5175PWPR Datasheet HTML 7Page - Texas Instruments LM5175PWPR Datasheet HTML 8Page - Texas Instruments LM5175PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Simplified Schematic............................................. 1
5
Revision History..................................................... 2
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 13
8.4
Device Functional Modes........................................ 19
9
Application and Implementation ........................ 20
9.1
Application Information............................................ 20
9.2
Typical Application .................................................. 20
10
Power Supply Recommendations ..................... 28
11
Layout................................................................... 28
11.1
Layout Guidelines ................................................. 28
11.2
Layout Example .................................................... 29
12
Device and Documentation Support ................. 30
12.1
Custom Design with WEBENCH Tools................. 30
12.2
Receiving Notification of Documentation Updates 30
12.3
Documentation Support ........................................ 30
12.4
Community Resources.......................................... 30
12.5
Trademarks ........................................................... 30
12.6
Electrostatic Discharge Caution ............................ 30
12.7
Glossary ................................................................ 30
13
Mechanical, Packaging, and Orderable
Information ........................................................... 31
5 Revision History
Changes from Original (October 2015) to Revision A
Page
•
Added QFN-28 Packages....................................................................................................................................................... 1
•
Added LM5175RHF information ............................................................................................................................................ 1
•
Added RHF package .............................................................................................................................................................. 3
•
Added QFN pins .................................................................................................................................................................... 4
•
Changed first plus to minus ................................................................................................................................................. 18
•
Changed all 1.22 V to 1.23 V .............................................................................................................................................. 19
•
Changed equation ............................................................................................................................................................... 24
•
Changed equation ............................................................................................................................................................... 26
•
Changed equation ............................................................................................................................................................... 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com